Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1806ACEX Datasheet(PDF) 12 Page - Intersil Corporation

Part # CDP1806ACEX
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1806ACEX Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CDP1806ACEX Datasheet HTML 8Page - Intersil Corporation CDP1806ACEX Datasheet HTML 9Page - Intersil Corporation CDP1806ACEX Datasheet HTML 10Page - Intersil Corporation CDP1806ACEX Datasheet HTML 11Page - Intersil Corporation CDP1806ACEX Datasheet HTML 12Page - Intersil Corporation CDP1806ACEX Datasheet HTML 13Page - Intersil Corporation CDP1806ACEX Datasheet HTML 14Page - Intersil Corporation CDP1806ACEX Datasheet HTML 15Page - Intersil Corporation CDP1806ACEX Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
Interrupt Servicing
Register R(1) is always used as the program counter when-
ever interrupt servicing is initialized. When an interrupt
request occurs and the interrupt is allowed by the program
(again, nothing takes place until the completion of the cur-
rent instruction), the contents of the X and P registers are
stored in the temporary Register T, and X and P are set to
new values; hex digit 2 in X and hex digit 1 in P. Master Inter-
rupt Enable is automatically deactivated to inhibit further
interrupts. The user’s interrupt routine is now in control; the
contents of T may be saved by means of a single SAV
instruction (78) in the memory location pointed to by R(X) or
the contents of T, D, and DF may be saved using a single
DSAV instruction (6876). At the conclusion of the interrupt,
the user's routine may restore the pre-interrupted value of X
and P with either a RET instruction (70) which permits fur-
ther interrupts, or a DlS instruction (71), which disables fur-
ther interrupts.
Interrupt Generation and Arbitration (See Figure 6)
Interrupt requests can be generated from the following
sources:
1. Externally through the interrupt input (request not
latched).
2. Internally due to Counter/Timer response (request is
latched).
a. On the transition from count (01)16 to its next value
(counter underflow).
b. On the
transition of EF1 in pulse measurement
mode 1.
c. On the
transition of EF2 in pulse measurement
mode 2.
For an interrupt to be serviced by the CPU, the appropriate
Interrupt Enable flip-flops must be set. Thus, the External
Interrupt Enable flip-flop must be set to service an external
interrupt request, and the Counter Interrupt Enable flip-flop
must be set to service an internal Counter/Timer interrupt
request. In addition, the Master interrupt Enable flip-flop (as
used in the CDP1802) must be set to service either type of
request. All 3 flip-flops are initially enabled with the applica-
tion of a hardware reset, and, can be selectively enabled or
disabled with software: ClE, ClD instructions for the ClE flip-
flop; XlE, XlD instructions for the XIE flip-flop; RET, DIS
instructions for the MIE flip flop.
Short branch instructions on Counter Interrupt (BCI) and
External Interrupt (BXl) can be placed in the user's interrupt
service routine to provide a means of identifying and priori-
tizing the interrupt source. Note, however, that since the
External Interrupt request is not latched, it must remain
active until the short branch is executed if this priority arbitra-
tion scheme is used.
Interrupt requests can also be polled if automatic interrupt
service is not desired (MlE = 0). With the Counter Interrupt
and External Interrupt short branch instructions, the branch
will be taken if an interrupt request is pending, regardless of
the state of any of the 3 Interrupt Enable flip-flops. The
latched counter interrupt request signal will be reset when
the branch is taken, when the CPU is reset, or with a LDC
instruction with the Counter stopped. Note, that exiting a
counter-initiated interrupt routine without resetting the
counter-interrupt latch will result in immediately reentering
the interrupt routine.
Counter/Timer and Controls (See Figure 7)
This logic consists of a presettable 8-Bit down-counter (Mod-
ulo N type), and a conditional divide-by-32 prescaler. After
counting down to (01)16the counter returns to its initial value
at the next count and sets the Counter Interrupt Latch. It will
continue decrementing on subsequent counts. If the counter
is preset to (00)16 full 256 counts will occur.
During a Load Counter instruction (LDC) if the counter was
stopped with a STPC Instruction, the counter and its holding
register (CH) are loaded with the value in the D Register and
any previous counter interrupt is cleared. If the LDC is exe-
cuted when the counter is running, the contents of the D
Register are loaded into the holding register (CH) only and
any previous counter interrupt is not cleared. (LDC RESETS
the Counter Interrupt Latch only when the Counter is
stopped). After counting down to (01)16 the next count will
load the new initial value into the counter, set the Counter
Interrupt Latch, and operation will continue.
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com