Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1806ACEX Datasheet(PDF) 19 Page - Intersil Corporation

Part # CDP1806ACEX
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1806ACEX Datasheet(HTML) 19 Page - Intersil Corporation

Back Button CDP1806ACEX Datasheet HTML 15Page - Intersil Corporation CDP1806ACEX Datasheet HTML 16Page - Intersil Corporation CDP1806ACEX Datasheet HTML 17Page - Intersil Corporation CDP1806ACEX Datasheet HTML 18Page - Intersil Corporation CDP1806ACEX Datasheet HTML 19Page - Intersil Corporation CDP1806ACEX Datasheet HTML 20Page - Intersil Corporation CDP1806ACEX Datasheet HTML 21Page - Intersil Corporation CDP1806ACEX Datasheet HTML 22Page - Intersil Corporation CDP1806ACEX Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
DECIMAL SUBTRACT MEMORY
WITH BORROW, IMMEDIATE
4
DSBI
687F
D - M(R(P)) - (NOT DF)
→ DF, D
R(P) + 1
→ R(P)
DECIMAL ADJUST
→ DF, D
BRANCH INSTRUCTIONS - SHORT BRANCH
SHORT BRANCH
2
BR
30
M(R(P))
→ R(P).0
NO SHORT BRANCH (See SKP)
2
NBR
38
(Note 11)
R(P) + 1
→ R(P)
SHORT BRANCH IF D = 0
2
BZ
32
IF D = 0, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF D NOT 0
2
BNZ
3A
IF D NOT 0, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF DF = 1
2
BDF
33
(Note 11)
IF DF = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF POS OR ZERO
2
BPZ
33
(Note 11)
IF DF = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EQUAL OR
GREATER
2BGE
33
(Note 11)
IF DF = 1, M(R(P))
→ R(P).0,
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF DF = 0
2
BNF
3B
(Note 11)
IF D = 0, M(R(P))
→ R(P).0,
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF MINUS
2
BM
3B
(Note 11)
IF D = 0, M(R(P))
→ R(P).0,
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF LESS
2
BL
3B
(Note 11)
IF D = 0, M(R(P))
→ R(P).0,
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF Q = 1
2
BQ
31
IF Q = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF Q = 0
2
BNQ
39
IF Q = 0, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF1 = 1
(EF1 = VSS)
2
B1
34
IF EF1 = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF1 = 0
(EF1 = VDD)
2
BN1
3C
IF EF1 = 0, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF2 = 1
(EF2 = VSS)
2
B2
35
IF EF2 = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF2 = 0
(EF2 = VDD)
2
BN2
3D
IF EF2 = 0, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF3 = 1
(EF3 = VSS)
2
B3
36
IF EF3 = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF3 = 0
(EF3 = VDD)
2
BN3
3E
IF EF3 = 0, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF4 = 1
(EF4 = VSS)
2
B4
37
IF EF4 = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH IF EF4 = 0
(EF4 = VDD)
2
BN4
3F
IF EF4 = 0, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
SHORT BRANCH ON COUNTER
INTERRUPT
3
BCI
683E
(Note 12)
IF CI = 1, M(R(P))
→ R(P).0; 0 → CI
ELSE R(P) + 1
→ R(P)
SHORT BRANCH ON EXTERNAL
INTERRUPT
3
BXI
683F
IF XI = 1, M(R(P))
→ R(P).0
ELSE R(P) + 1
→ R(P)
TABLE 1. INSTRUCTION SUMMARY (SEE NOTES) (Continued)
INSTRUCTION
NO. OF
MACHINE
CYCLES
MNEMONIC
OP CODE
OPERATION
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com