Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1824C Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1824C
Description  32-Word x 8-Bit Static RAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824C Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1824C Datasheet HTML 1Page - Intersil Corporation CDP1824C Datasheet HTML 2Page - Intersil Corporation CDP1824C Datasheet HTML 3Page - Intersil Corporation CDP1824C Datasheet HTML 4Page - Intersil Corporation CDP1824C Datasheet HTML 5Page - Intersil Corporation CDP1824C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-38
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1824 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1824C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Operating Temperature Range (TA)
Package Type D . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
75
20
PDIP Package . . . . . . . . . . . . . . . . . . .
75
N/A
Storage Temperature Range (TSTG). . . . . . . . . . . .-65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
±1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Recommended Operating Conditions
At TA = Full Package Temperature Range.For maximum reliability, operating conditions
should be selected so that operation is always within the following ranges:
PARAMETER
CONDITION
LIMITS
UNITS
VDD (V)
CDP1824D
CDP1824CD
MIN
MAX
MIN
MAX
Supply Voltage Range
-
4
10.5
4
6.5
V
Recommended Input Voltage Range
-
VSS
VDD
VSS
VDD
V
Input Signal Rise or Fall Time (Note 1)
5
-
5
-
5
µs
tR, tF
10
-
2
-
-
µs
NOTE:
1. Input signal rise or fall times longer than these maxima can cause loss of stored data in either the selected or deselected mode.
Static Electrical Specifications At TA = -40oC to +85oC, Except as Noted:
PARAMETER
SYMBOL
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1824
CDP1824C
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device
Current
IDD
-
-
5
-
25
50
-
100
200
µA
-
-
10
-
250
500
-
-
-
µA
Output Low (Sink)
Current
IOL
0.4
0, 5
5
1.8
2.2
-
1.8
2.2
-
mA
0.5
0, 10
10
3.6
4.5
-
-
-
-
mA
Output High (Source)
Current
IOH
4.6
0, 5
5
-0.9
-1.1
-
-0.9
-1.1
-
mA
9.5
0, 10
10
-1.8
-2.2
-
-
-
-
mA
Output Voltage
Low-Level
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
High-Level
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
1.9
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 9.5
-
5
3.5
-
-
3.5
-
-
V
1.9
-
10
7
-
-
-
-
-
V
Input Leakage Current
IIN
Any
Input
0, 5
5
-
± 0.1
± 1-
± 0.1
± 1
µA
0, 10
10
-
± 0.1
± 1-
-
-
µA
Operating Current
(Note 2)
IDD1
-
0, 5
5
-
4
8
-
4
8
mA
-
0, 10
10
-
8
16
-
-
-
mA
CDP1824, CDP1824C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com