Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1824C Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1824C
Description  32-Word x 8-Bit Static RAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824C Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1824C Datasheet HTML 1Page - Intersil Corporation CDP1824C Datasheet HTML 2Page - Intersil Corporation CDP1824C Datasheet HTML 3Page - Intersil Corporation CDP1824C Datasheet HTML 4Page - Intersil Corporation CDP1824C Datasheet HTML 5Page - Intersil Corporation CDP1824C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6-39
Three-State Output
Leakage Current
IOUT
0, 5
0, 5
5
-
± 0.2
±2.0
-
± 0.2
± 2
µA
0, 10
0, 10
10
-
± 0.2
±2.0
-
-
-
µA
Input Capacitance
CIN
-
-
-
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. Outputs open circuited; Cycle time = 1
µs.
Static Electrical Specifications At TA = -40oC to +85oC, Except as Noted: (Continued)
PARAMETER
SYMBOL
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1824
CDP1824C
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Dynamic Electrical Specifications at TA = -40oC to +85oC, VDD ±5%, Input tR, tF = 10ns, CL = 50pF, RL = 200kΩ; See Figure 1
PARAMETER
SYMBOL
TEST
CONDITIONS
LIMITS
UNITS
CDP1824D, CDP1824E
CDP1824CD, CDP1824CE
VDD (V)
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
READ OPERATION
Access Time From
Address Change
tAA
5
-
400
710
-
400
710
ns
10
-
200
320
-
-
-
ns
Access Time From
Chip Select
tDOA
5
-
300
710
-
300
710
ns
10
-
150
320
-
-
-
ns
Output Active From MRD
tAM
5
-
300
710
-
300
710
ns
10
-
150
320
-
-
-
ns
NOTES:
1. Time required by a limit device to allow for the indicated function.
2. Time required by a typical device to allow for the indicated function. Typical values are for TA = +25
oC and nominal V
DD.
NOTES:
1. Minimum timing for valid data output longer times will initiate an earlier, but invalid output.
FIGURE 1. READ CYCLE TIMING DIAGRAMS
MRD
MA
CS
DATA OUT
HIGH IMPEDANCE
tAM
tAA
tDOA
(NOTE 1)
(NOTE 1)
CDP1824, CDP1824C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com