Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1806ACD Datasheet(PDF) 16 Page - Intersil Corporation

Part # CDP1806ACD
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1806ACD Datasheet(HTML) 16 Page - Intersil Corporation

Back Button CDP1806ACD Datasheet HTML 12Page - Intersil Corporation CDP1806ACD Datasheet HTML 13Page - Intersil Corporation CDP1806ACD Datasheet HTML 14Page - Intersil Corporation CDP1806ACD Datasheet HTML 15Page - Intersil Corporation CDP1806ACD Datasheet HTML 16Page - Intersil Corporation CDP1806ACD Datasheet HTML 17Page - Intersil Corporation CDP1806ACD Datasheet HTML 18Page - Intersil Corporation CDP1806ACD Datasheet HTML 19Page - Intersil Corporation CDP1806ACD Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
State Transitions
The CDP1805A and CDP1806A state transitions are shown
in Figure 13. Each machine cycle requires the same period
of time, 8 clock pulses, except the initialization cycle (INlT)
which requires 9 clock pulses. Reset is asynchronous and
can be forced at any time.
FIGURE 12A. TPA PAUSE TIMING
NOTE:
9. Pause (in clock waveform) while represented here as one clock
cycle in duration, could be infinitely long.
FIGURE 12B. TPB PAUSE TIMING
FIGURE 12. PAUSE MODE TIMING WAVEFORMS
PAUSE
70
71
00
01
10
11
20
21
PAUSE
ENTER
PAUSE
RESUME
RUN
tPLH
tPHL
tSU tH
tSU
CLOCK
TPA
WAIT
30
ENTER
PAUSE
RESUME
RUN
50
51
60
61
70
71
00
01
10
PAUSE
PAUSE
tPLH
tPHL
tSU tH
tSU
CLOCK
TPB
WAIT
S1 RESET
PAUSE
S1 EXECUTE
RESET
DMA + INT
S1 INIT
DMA
• FORCE S1
INT
• DMA • RESET
IDLE
• DMA • INT
FORCE S1
(LONG BRANCH,
LONG SKIP, NOP, RSXD, ETC)
S2 DMA
DMA
DMA
SO FETCH
DMA
DMA
• INT
“68”
S3 INT
FORCE S0
DMA
• IDLE • INT
• FORCE S1
FORCE S0
DMA
DMA
INT
• DMA • FORCE S1
PRIORITY:
RESET
FORCE S0, S1
DMA IN
DMA OUT
INT
FIGURE 13. STATE TRANSITION DIAGRAM
INT
• DMA
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com