Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1806ACD Datasheet(PDF) 26 Page - Intersil Corporation

Part # CDP1806ACD
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1806ACD Datasheet(HTML) 26 Page - Intersil Corporation

Back Button CDP1806ACD Datasheet HTML 22Page - Intersil Corporation CDP1806ACD Datasheet HTML 23Page - Intersil Corporation CDP1806ACD Datasheet HTML 24Page - Intersil Corporation CDP1806ACD Datasheet HTML 25Page - Intersil Corporation CDP1806ACD Datasheet HTML 26Page - Intersil Corporation CDP1806ACD Datasheet HTML 27Page - Intersil Corporation CDP1806ACD Datasheet HTML 28Page - Intersil Corporation CDP1806ACD Datasheet HTML 29Page - Intersil Corporation CDP1806ACD Datasheet HTML 30Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
#2
C
7
LONG
SKIP
TAKEN: RP + 1
→ RP
M(RP + 1)
RP + 1
0
1
0
S1#1
C
C
LONG
SKIP
NOT TAKEN: NO OPERATION
MRP
RP
0
1
0
S1#1
C
D
LONG
SKIP
NOT TAKEN: NO OPERATION
MRP
RP
0
1
0
#2
C
E
LONG
SKIP
NOT TAKEN: NO OPERATION
M(RP + 1)
RP + 1
0
1
0
S1#1
C
F
LONG
SKIP
NOT TAKEN: NO OPERATION
M(RP + 1)
RP + 1
0
1
0
S1#1
C
4
NOP
NO OPERATION
MRP
RP
0
1
0
#2
C
4
NOP
NO OPERATION
M(RP + 1)
RP + 1
0
1
0
S1
D
0-F
SEP
N
→ PNN
RN
1
1
0
S1
E
0-F
SEX
N
→ XNN
RN
1
1
0
S1
F
0
LDX
MRX
→ D
MRX
RX
0
1
0
S1
F
1
OR
MRX OR D
→ D
MRX
RX
0
1
0
S1
F
2
AND
MRX AND D
→ D
MRX
RX
0
1
0
S1
F
3
XOR
MRX XOR D
→ D
MRX
RX
0
1
0
S1
F
4
ADD
MRX + D
→ DF, D
MRX
RX
0
1
0
S1
F
5
SD
MRX - D
→ DF, D
MRX
RX
0
1
0
S1
F
7
SM
D - MRX
→ DF; D
MRX
RX
0
1
0
S1
F
6
SHR
LSB(D)
→ DF; 0 → MSB(D)
HIGH Z
RX
1
1
0
S1
F
8
LDI
MRP
→ D; RP + 1 → RP
MRP
RP
0
1
0
S1
F
9
ORI
MRP OR D
→ D; RP + 1 → RP
MRP
RP
0
1
0
S1
F
A
ANI
MRP AND D
→ D; RP + 1 → RP
MRP
RP
0
1
0
S1
F
B
XRI
MRP XOR D
→ D; RP + 1 → RP
MRP
RP
0
1
0
S1
F
C
ADI
MRP + D
→ DF, D; RP + 1 → RP
MRP
RP
0
1
0
S1
F
D
SDI
MRP - D
→ DF, D; RP + 1 → RP
MRP
RP
0
1
0
S1
F
F
SMI
D - MRP
→ DF, D; RP + 1 → RP
MRP
RP
0
1
0
S1
F
E
SHL
MSB(D)
→ DF; 0 → LSB(D)
HIGH Z
RP
1
1
0
S2
DMA IN
DMA IN
DMA IN
BUS
→ MR0; R0 + 1 → R0
DATA
FROM I/O
DEVICE
R0
1
0
0
S2
DMA OUT
DMA
OUT
DMA OUT
MRO
→ BUS; R0 + 1 → R0
MR0
R0
0
1
0
S3
INTER-
RUPT
INTER-
RUPT
INTERRUPT
X, P
→ T; 0 → MIE
1
→ P; 2 → X
HIGH Z
RN
1
1
0
THE FOLLOWING ARE ALL LINKED INSTRUCTIONS “68” PRECEEDS ALL OP CODES, SO THERE IS A DUPLICATE FETCH
S1
0
0
STPC
STOP COUNTER CLOCK;
0
→ ÷ 32 PRESCALER
HIGH Z
R0
1
1
0
S1
0
1
DTC
CNTR - 1
→ CNTR
HIGH Z
R1
1
1
0
TABLE 2. CONDITIONS ON DATA BUS AND MEMORY ADDRESS LINES DURING ALL MACHINE STATES (Continued)
STATE
I
N
MNEMONIC
OPERATION
DATA
BUS
MEMORY
ADDRESS
MRD
MWR
N
LINES
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com