Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1853C/3 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1853C/3
Description  High-Reliability CMOS N-Bit 1 of 8 Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1853C/3 Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1853C/3 Datasheet HTML 1Page - Intersil Corporation CDP1853C/3 Datasheet HTML 2Page - Intersil Corporation CDP1853C/3 Datasheet HTML 3Page - Intersil Corporation CDP1853C/3 Datasheet HTML 4Page - Intersil Corporation CDP1853C/3 Datasheet HTML 5Page - Intersil Corporation CDP1853C/3 Datasheet HTML 6Page - Intersil Corporation CDP1853C/3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-43
Disable to Output Low
tEOL
5
-
295
-
400
ns
10
-
200
-
250
ns
N Input to Output
tNO
5
-
225
-
315
ns
10
-
120
-
165
ns
Clock A to Output Low
tAO
5
-
210
-
300
ns
10
-
110
-
150
ns
Clock B to Output Low
tBO
5
-
295
-
400
ns
10
-
200
-
250
ns
Pulse Width:
tCACA
5
50
-
75
-
ns
Clock A
10
25
-
50
-
ns
Clock B
tCBCB
5
50
-
75
-
ns
10
25
-
50
-
ns
Recommended Operating Conditions
At TA = Full Package Temperature Range. For maximum reliability, operating conditions
should be selected so that operation is always within the following ranges:
PARAMETER
LIMITS
UNITS
CDP1853/3
CDP1853C/3
MIN
MAX
MIN
MAX
DC Operating Voltage Range
4
10.5
4
6.5
V
Input voltage Range
VSS
VDD
VSS
VDD
V
Dynamic Electrical Specifications
See Figure 2, CL = 100pF, tR, tF = 15ns
PARAMETER
SYMBOL
VDD
(V)
LIMITS
UNITS
-55oC, +25oC
+125oC
MIN
MAX
MIN
MAX
CDP1853/3, CDP1853C/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com