Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1853C/3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1853C/3
Description  High-Reliability CMOS N-Bit 1 of 8 Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1853C/3 Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1853C/3 Datasheet HTML 1Page - Intersil Corporation CDP1853C/3 Datasheet HTML 2Page - Intersil Corporation CDP1853C/3 Datasheet HTML 3Page - Intersil Corporation CDP1853C/3 Datasheet HTML 4Page - Intersil Corporation CDP1853C/3 Datasheet HTML 5Page - Intersil Corporation CDP1853C/3 Datasheet HTML 6Page - Intersil Corporation CDP1853C/3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-44
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1853/3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1853C/3. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . .
±10mA
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
85
22
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range
(All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC
Storage Temperature Range (TSTG). . . . . . . . . . . .-65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
±1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Timing Diagrams
FIGURE 2A. N - INPUTS TO OUTPUTS DELAY TIME
FIGURE 2B. CE TO OUTPUT DELAY TIME
FIGURE 2C. CLOCK B TO OUTPUT DELAY TIME
NOTE:
1. To measure TAO, Clock B must be tied low.
FIGURE 2D. CLOCK A TO OUTPUT DELAY TIME
FIGURE 2. PROPAGATION DELAY TIME DIAGRAMS
NOTE:
1. Output enabled when EN = high. Internal signal shown for refer-
ence only (see Figure 1).
FIGURE 3. TIMING DIAGRAM
FIGURE 4. N-BIT DECODER USED AS A 1 OF 8 DECODER
N0 - N2
OUTPUT 0 - 7
TN0
CE
OUTPUT 0 - 7
TEOH
TEOL
MIN. CLOCK B
OUTPUT 0 - 7
TBO
CLOCK B
PULSE WIDTH
TCBCB
TAO
CLOCK A
OUTPUT 0 - 7
MIN. CLOCK A
PULSE WIDTH
TCACA
(SEE NOTE 1)
TPA
TPB
CE
EN
OUTPUT
(NOTE 1)
A
B
C
CHIP ENABLE
VDD
CLK A
N0
N1
OUT 0
OUT 1
OUT 2
OUT 3
N2
CE
OUT 4
OUT 5
OUT 6
OUT 7
CLK B
CDP1853/3, CDP1853C/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com