Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1851DX Datasheet(PDF) 11 Page - Intersil Corporation

Part # CDP1851DX
Description  CMOS Programmable I/O Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1851DX Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CDP1851DX Datasheet HTML 6Page - Intersil Corporation CDP1851DX Datasheet HTML 7Page - Intersil Corporation CDP1851DX Datasheet HTML 8Page - Intersil Corporation CDP1851DX Datasheet HTML 9Page - Intersil Corporation CDP1851DX Datasheet HTML 10Page - Intersil Corporation CDP1851DX Datasheet HTML 11Page - Intersil Corporation CDP1851DX Datasheet HTML 12Page - Intersil Corporation CDP1851DX Datasheet HTML 13Page - Intersil Corporation CDP1851DX Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
4-15
Test Circuit and Waveforms
FIGURE 5. INTERRUPT SIGNAL PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORMS
FIGURE 6. INPUT MODE TIMING WAVEFORMS
A
1k
Ω
B
1k
Ω
50pF
50pF
A INT
B INT
CDP1851
50%
50%
10%
50%
tSTINT
tPINT
tWINT
INPUT
SIGNAL
A, B
VDD
tHADOH
tHATPB
tADA
VALID PORT ADDRESS
IO OR II
DATA BUS
RA1/RA0
WR/RE = (TPB)
RD/WE = (MRD)
I/O SPACE
RD/WE = (MWR)
WR/RE = (MRD)
MEMORY SPACE
CS
CLOCK = (TPA)
TPB
DATA-IN
STROBE
INT
RDY
tSTRDY
tWST
tSTINT
tDIST
tHSTDI
tPINT
tTPRDY
tWTPB
tWCL
tCSCL
tHCSCL
tWRCL
tRWCL
CDP1851, CDP1851C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com