Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1851DX Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1851DX
Description  CMOS Programmable I/O Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1851DX Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1851DX Datasheet HTML 1Page - Intersil Corporation CDP1851DX Datasheet HTML 2Page - Intersil Corporation CDP1851DX Datasheet HTML 3Page - Intersil Corporation CDP1851DX Datasheet HTML 4Page - Intersil Corporation CDP1851DX Datasheet HTML 5Page - Intersil Corporation CDP1851DX Datasheet HTML 6Page - Intersil Corporation CDP1851DX Datasheet HTML 7Page - Intersil Corporation CDP1851DX Datasheet HTML 8Page - Intersil Corporation CDP1851DX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4-7
Functional Description
The CDP1851 has four modes of operation: input, output,
bidirectional, and bit-programmable. Port A is programmable
in all modes; port B is programmable in all but the
bidirectional mode. A control byte must be loaded into the
control register to program the ports. In the input and output
modes, each port has two handshaking signals, STROBE
and RDY. In the bidirectional mode, port A has four
handshaking signals: A RDY and A STROBE for input, B
RDY and B STROBE for output. If port A is programmed in
the bidirectional mode, port B must be programmed in the
bit-programmable mode. Each terminal of port A or B may
be individually programmed for input or output in the bit-
programmable mode. Since handshaking is not used in this
mode, the RDY and STROBE lines may also be used for bit-
programming if port A is not in the bidirectional mode.
Input Mode
When a peripheral device has data to input, it sends a
STROBE pulse to the PlO. The leading edge of this pulse
clears the RDY line, inhibiting further transmission from the
peripheral. The trailing edge of the STROBE pulse latches the
data into the PlO buffer register and also activates the INT line
to signal the CPU to read this data. The lNT pin can be wired
to the INT pin of the CPU or the EF lines for polling. The CPU
Static Electrical Specifications At TA = -40oC to +85oC, VDD 5%, Unless Otherwise Specified
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1851
CDP1851C
MIN
(NOTE1)
TYP
MAX
MIN
(NOTE1)
TYP
MAX
Quiescent Device Current
IDD
-
0, 5
5
-
0.01
50
-
0.02
200
µA
-
0, 10
10
-
1
200
-
-
-
µA
Output Low Drive
(Sink) Current
IOL
0.4
0, 5
5
1.6
3.2
-
1.6
3.2
-
mA
0.5
0, 10
10
2.6
5.2
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-1.15
-2.3
-
-1.15
-2.3
-
mA
9.5
0, 10
10
-2.6
-5.2
-
-
-
-
mA
Output Voltage Low-Level
(Note 2)
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage High Level
(Note 2)
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5,
4.5
-
5
-
-
1.5
-
-
1.5
V
0.5,
9.5
-
10
-
-
3
---
V
Input High Voltage
VlH
0.5,
4.5
-
5
3.5
-
-
3.5
-
-
V
0.5,
9.5
-
10
7
--
---
V
Input Leakage Current
IlN
Any
Input
0, 5
5
-
-
±1-
-
±1
µA
0, 10
10
-
-
±2
---
µA
Three-State Output Leakage
Current
IOUT
0, 5
0, 5
5
-
-
±1-
-
±1
µA
0, 10
0, 10
10
-
-
±1
---
µA
Operating Current (Note 3)
IDD1
-
0, 5
5
-
1.5
3
-
1.5
3
mA
-
0, 10
10
-
6
12
-
-
-
mA
Input Capacitance
CIN
-
-
-
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = 25
oC and nominal V
DD.
2. IOL = IOH = 1µA
3. Operating current is measured at 200kHz for VDD = 5V and 400kHz for VDD = 10V, with open output (worst-case frequencies for
CDP1802A system operating at maximum speed of 3.2MHz).
CDP1851, CDP1851C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com