Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1872C Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1872C
Description  High-Speed 8-Bit Input and Output Ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1872C Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1872C Datasheet HTML 1Page - Intersil Corporation CDP1872C Datasheet HTML 2Page - Intersil Corporation CDP1872C Datasheet HTML 3Page - Intersil Corporation CDP1872C Datasheet HTML 4Page - Intersil Corporation CDP1872C Datasheet HTML 5Page - Intersil Corporation CDP1872C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-77
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . . . -0.5V to +7V
(Voltage referenced to VSS Terminal)
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range
(All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
± 1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions At TA = -40 to +85oC. For maximum reliability, operating conditions should be selected
so that operation is always within the following ranges:
PARAMETER
LIMITS
ALL TYPES
UNITS
DC Operating-Voltage Range
4 to 6.5
V
Input Voltage Range
VSS to VDD
V
Static Electrical Specifications At TA = -40 to +85oC, VDD ±5%, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
LIMITS
ALL TYPES
UNITS
VO
(V)
VIN
(V)
VDD
(V)
MIN
(NOTE 1)
TYP
MAX
Quiescent Device Current
IDD
-
0, 55
-
2550
µA
Output Low Drive (Sink)
Current
IOL
0.4
0, 5
5
5
10
-
mA
Output High Drive (Source)
Current
IOH
4.6
0, 5
5
-4
-7
-
mA
Output Voltage Low-Level
(Note 2)
VOL
-
0, 5
5
-
0
0.1
V
Output Voltage High-Level
(Note 2)
VOH
-
0, 5
5
4.9
5
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
V
Input Leakage Current
IIN
-
0, 5
5
-
-
±1
µA
Three-State Output Leakage
Current (Note 3)
IOUT
0, 5
0, 5
5
-
-
±5
µA
Input Capacitance
CIN
----
15
-
pF
Output Capacitance (Note 3)
COUT
----
15
-
pF
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD ±5%.
2. IOL = IOH = 1µA
3. For CDP1872C and CDP1874C only.
CDP1872C, CDP1874C, CDP1875C
CDP1872C, CDP1874C, CDP1875C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com