Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1872C Datasheet (PDF) - Intersil Corporation

CDP1872C Datasheet PDF - Intersil Corporation
Part # CDP1872C
Download  CDP1872C Download
File Size   32.47 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Speed 8-Bit Input and Output Ports

CDP1872C Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1872C Datasheet PDF - Intersil Corporation

Part # CDP1872C
Download  CDP1872C Click to download

File Size   32.47 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Speed 8-Bit Input and Output Ports

CDP1872C Datasheet (HTML) - Intersil Corporation


CDP1872C Product details

Description
The CDP1872C, CDP1874C and CDP1875C devices are high-speed 8-bit parallel input and output ports designed for use in the CDP1800 microprocessor system and for general use in other microprocessor systems. The CDP1872C and CDP1874C are 8-bit input ports; the CDP1875C is an 8-bit output port.

Features
• Parallel 8-Bit Input/Output Register with Buffered Outputs
• High-Speed Data-In to Data-Out 85ns (Max) at VDD = 5V
• Flexible Applications In Microprocessor Systems as Buffers and Latches
• High Order Address-Latch Capability in CDP1800- Series Microprocessor Systems
• Output Sink Current = 5mA (Min) at VDD = 5V
• Three-State Output - CDP1872C and CDP1874C




Similar Part No. - CDP1872C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1871 INTERSIL-CDP1871 Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871A INTERSIL-CDP1871A Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871AC INTERSIL-CDP1871AC Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACD INTERSIL-CDP1871ACD Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACDX INTERSIL-CDP1871ACDX Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
More results


Similar Description - CDP1872C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
8-BIT INPUT/OUTPUT PORT
logo
National Semiconductor ...
MM82PC12 NSC-MM82PC12 Datasheet
189Kb / 8P
8-Bit Input/Output Port
logo
KODENSHI_AUK CORP.
KK74AC164 KODENSHI-KK74AC164 Datasheet
269Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
KK74ACT164 KODENSHI-KK74ACT164 Datasheet
572Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC164 IKSEMICON-IN74AC164 Datasheet
190Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
IN74ACT164 IKSEMICON-IN74ACT164 Datasheet
248Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
logo
Synaptics Incorporated.
CX20632 CONEXANT-CX20632 Datasheet
678Kb / 2P
Multiple input/output retaskable ports
logo
Freescale Semiconductor...
MC9S12DG128CFUER FREESCALE-MC9S12DG128CFUER Datasheet
2Mb / 128P
8-bit and 4-bit ports with interrupt functionality
logo
Marki Microwave
EQ6-26 MARKIMICROWAVE-EQ6-26 Datasheet
850Kb / 4P
Matched 50 Ohm Impedance on Input and Output Ports
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com