Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1871 Datasheet (PDF) - Intersil Corporation

CDP1871 Datasheet PDF - Intersil Corporation
Part # CDP1871
Download  CDP1871 Download
File Size   56.78 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Keyboard Encoder

CDP1871 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1871 Datasheet PDF - Intersil Corporation

Part # CDP1871
Download  CDP1871 Click to download

File Size   56.78 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Keyboard Encoder

CDP1871 Datasheet (HTML) - Intersil Corporation


CDP1871 Product details

Description
The CDP1871A is a keyboard encoder designed to directly interface between a CDP1800-series microprocessor and a mechanical keyboard array, providing up to 53 ASCII coded keys and 32 HEX coded keys, as shown in the system diagram (Figure 1).

Features
• Directly Interfaces with CDP1800-Series Microprocessor
• Low Power Dissipation
• Three-State Outputs
• Scans and Generates Code for 53 Key ASCII Keyboard Plus 32 HEX Keys (SPST Mechanical Contact Switches)
• Shift, Control, and Alpha Lock Input
• RC-Controlled Debounce Circuitry
• Single Supply 4V to 10.5V. . . . . . . . . . . . . (CDP1871A)
    4V to 6.5V . . . . . . . . . . . . . (CDP1871AC)
• N-Key Lockout




Similar Part No. - CDP1871

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1872 INTERSIL-CDP1872 Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872C INTERSIL-CDP1872C Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872CE INTERSIL-CDP1872CE Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874C INTERSIL-CDP1874C Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874CE INTERSIL-CDP1874CE Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
More results


Similar Description - CDP1871

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
KEYBOARD ENCODER
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
Win98 Keyboard Encoder
February 16, 2000
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
Keyboard Encoder
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com