Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1871 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1871
Description  CMOS Keyboard Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1871 Datasheet HTML 1Page - Intersil Corporation CDP1871 Datasheet HTML 2Page - Intersil Corporation CDP1871 Datasheet HTML 3Page - Intersil Corporation CDP1871 Datasheet HTML 4Page - Intersil Corporation CDP1871 Datasheet HTML 5Page - Intersil Corporation CDP1871 Datasheet HTML 6Page - Intersil Corporation CDP1871 Datasheet HTML 7Page - Intersil Corporation CDP1871 Datasheet HTML 8Page - Intersil Corporation CDP1871 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-66
CDP1871A,
CDP1871AC
CMOS Keyboard Encoder
Description
The CDP1871A is a keyboard encoder designed to
directly interface between a CDP1800-series micro-
processor and a mechanical keyboard array, providing
up to 53 ASCII coded keys and 32 HEX coded keys,
as shown in the system diagram (Figure 1).
The keyboard may consist of simple single-pole
single-throw (SPST) mechanical switches. Inputs are
provided for alpha-lock, control, and shift functions,
allowing 160 unique codes. An external R-C input is
available for user-selectable debounce times. The N-
key lock-out feature prevents unwanted key codes if
two or more keys are pressed simultaneously.
The CDP1871A and CDP1871AC are functionally
identical. They differ in that the CDP1871A has a
recommended operating voltage range of 4V to 10.5V,
and the CDP1871AC has a recommended operating
voltage range 4V to 6.5V. These types are supplied in
40 lead dual-in-line ceramic packages (D suffix), and
40 lead dual-in-line plastic packages (E suffix), and 44
lead plastic chip-carrier packages (Q suffix).
Features
• Directly Interfaces with CDP1800-Series Microprocessor
• Low Power Dissipation
• Three-State Outputs
• Scans and Generates Code for 53 Key ASCII Keyboard Plus
32 HEX Keys (SPST Mechanical Contact Switches)
• Shift, Control, and Alpha Lock Input
• RC-Controlled Debounce Circuitry
• Single Supply 4V to 10.5V . . . . . . . . . . . . . (CDP1871A)
4V to 6.5V . . . . . . . . . . . . . (CDP1871AC)
• N-Key Lockout
Ordering Information
PACKAGE
TEMP. RANGE
5V
10V
PKG.
NO.
PDIP
-40oC to +85oC
CDP1871ACE
CDP1871AE E40.6
PLCC
-40oC to +85oC
CDP1871ACQ
-
N44.65
SBDIP
-40oC to +85oC
CDP1871ACD
CDP1871AD D40.6
Burn-In
CDP1871ACDX
-
D40.6
REFERENCE APP NOTE 7374
August 1996
File Number
1374.2
Pinouts
40 LEAD PDIP, CERDIP
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
S1
S2
S3
S4
S5
S6
S7
S8
VSS
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
VDD
SHIFT
CONTROL
ALPHA
DEBOUNCE
RTP
TPB
DA
BUS 7
BUS 6
BUS 5
BUS 4
BUS 3
BUS 2
BUS 1
BUS 0
CS4
CS3
CS2
CS1
44 LEAD PLCC
(Q Suffix) TOP VIEW
44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
20 21 22 23 24 25 26
19
18
7
8
9
10
11
12
13
14
15
16
17
D5
D6
D7
D8
D9
D10
D11
S1
S2
S3
S4
RPT
TPB
DA
BUS 7
BUS 6
BUS 5
BUS 4
BUS 3
BUS 2
BUS 1
NC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1871

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1872 INTERSIL-CDP1872 Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872C INTERSIL-CDP1872C Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872CE INTERSIL-CDP1872CE Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874C INTERSIL-CDP1874C Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874CE INTERSIL-CDP1874CE Datasheet
32Kb / 6P
High-Speed 8-Bit Input and Output Ports
March 1997
More results

Similar Description - CDP1871

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
KEYBOARD ENCODER
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
Win98 Keyboard Encoder
February 16, 2000
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
Keyboard Encoder
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com