Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP6872 Datasheet(PDF) 10 Page - Intersil Corporation

Part # CDP6872
Description  Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CDP6872 Datasheet HTML 6Page - Intersil Corporation CDP6872 Datasheet HTML 7Page - Intersil Corporation CDP6872 Datasheet HTML 8Page - Intersil Corporation CDP6872 Datasheet HTML 9Page - Intersil Corporation CDP6872 Datasheet HTML 10Page - Intersil Corporation CDP6872 Datasheet HTML 11Page - Intersil Corporation CDP6872 Datasheet HTML 12Page - Intersil Corporation CDP6872 Datasheet HTML 13Page - Intersil Corporation CDP6872 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
CDP6872
FIGURE 17. DISABLE SUPPLY CURRENT vs FREQUENCY
FIGURE 18. DISABLE SUPPLY CURRENT vs FREQUENCY
FIGURE 19. SUPPLY CURRENT vs FREQUENCY
FIGURE 20. SUPPLY CURRENT vs FREQUENCY
FIGURE 21. SUPPLY CURRENT vs FREQUENCY
FIGURE 22. SUPPLY CURRENT vs FREQUENCY
Typical Performance Curves (Continued)
0
100
200
300
400
500
600
700
800
900 1000 1100
5
10
15
20
25
30
35
EN = 0, F1 = 1, F2 = 0, CL = 18pF, GENERATOR† (1VP-P)
FREQUENCY (kHz)
VCC = +8V
VCC = +5V
VCC = +3V
0
1020
304050
6070
8090
100 110
2
3
4
5
6
7
8
9
10
11
EN = 0, F1 = 1, F2 = 1, CL = 18pF, GENERATOR† (1VP-P)
FREQUENCY (kHz)
VCC = +8V
VCC = +5V
VCC = +3V
456
789
10
11
500
1000
1500
2000
2500
3000
EN = 1, F1 = 0, F2 = 0, VCC = +5V, GENERATOR† (1VP-P)
FREQUENCY (MHz)
CL = 40pF
CL = 18pF
01
234
56
0
200
400
600
800
1000
1200
1400
EN = 1, F1 = 0, F2 = 1, VCC = +5V, GENERATOR† (1VP-P)
FREQUENCY (MHz)
CL = 40pF
CL = 18pF
0
100
200
300
400
500
600
700
800
900 1000 1100
0
50
100
150
200
250
300
EN = 1, F1 = 1, F2 = 0, VCC = +5V, GENERATOR† (1VP-P)
FREQUENCY (kHz)
CL = 40pF
CL = 18pF
0
10
2030
40
5060
7080
90
100 110
0
5
10
15
20
25
30
35
EN = 1, F1 = 1, F2 = 1, VCC = +5V, GENERATOR† (1VP-P)
FREQUENCY (kHz)
CL = 18pF
CL = 40pF
†Refer to Test Circuit (Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com