Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP6872 Datasheet(PDF) 12 Page - Intersil Corporation

Part # CDP6872
Description  Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CDP6872 Datasheet HTML 7Page - Intersil Corporation CDP6872 Datasheet HTML 8Page - Intersil Corporation CDP6872 Datasheet HTML 9Page - Intersil Corporation CDP6872 Datasheet HTML 10Page - Intersil Corporation CDP6872 Datasheet HTML 11Page - Intersil Corporation CDP6872 Datasheet HTML 12Page - Intersil Corporation CDP6872 Datasheet HTML 13Page - Intersil Corporation CDP6872 Datasheet HTML 14Page - Intersil Corporation CDP6872 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
CDP6872
FIGURE 29. FREQUENCY CHANGE vs VDD
FIGURE 30. EDGE JITTER vs TEMPERATURE
FIGURE 31. RISE/FALL TIME vs TEMPERATURE
FIGURE 32. RISE/FALL TIME vs TEMPERATURE
FIGURE 33. RISE/FALL TIME vs CL
FIGURE 34. RISE/FALL TIME vs VCC
Typical Performance Curves (Continued)
24
6
-20
-10
0
5
15
20
30
VDD SUPPLY VOLTAGE (V)
-5
-15
25
10
32kHz
1MHz
5MHz
10MHz
DEVIATION FROM 5.0V FREQUENCY
-100
-50
0
50
100
150
0
1
2
3
4
5
6
VCC = 5V, CL = 30pF, GENERATOR† (1VP-P)
TEMPERATURE (oC)
FIN = 5MHz, F1 = 0, F2 = 0
FIN = 100kHz, F1 = 1, F2 = 1
-100
-50
0
50
100
150
2
3
4
5
6
7
8
9
10
11
12
13
FIN = 5MHz, F1 = 0, F2 = 0, CL = 30pF, VCC = 5V
TEMPERATURE (oC)
Tf GENERATOR
† (1VP-P)
Tr GENERATOR
† (1VP-P)
Tf XTAL AT +25
oC
Tr XTAL AT +25
oC
-100
-50
0
50
100
150
2
3
4
5
6
7
8
9
10
11
12
FIN = 100kHz, F1 = 1, F2 = 1, CL = 30pF, VCC = 5V
TEMPERATURE (oC)
Tf GENERATOR
† (1VP-P)
Tr GENERATOR
† (1VP-P)
Tf XTAL AT +25
oC
Tr XTAL AT +25
oC
10
20
30
40
50
60
70
80
90
100
110
5
10
15
20
25
30
CL (pF)
VCC = 5V, GENERATOR† (1VP-P)
Tf (FIN = 100kHz)
Tf (FIN = 5MHz)
Tr
Tr (FIN = 100kHz)
(FIN = 5MHz)
23456
789
4
5
6
7
8
9
10
11
12
13
14
15
VCC (+VOLTS)
CL = 18pF, GENERATOR† (1VP-P)
Tf (FIN = 5MHz)
Tf (FIN = 100kHz)
Tr (FIN = 5MHz)
Tr (FIN = 100kHz)
†Refer to Test Circuit (Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com