Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854A/3 Datasheet(PDF) 12 Page - Intersil Corporation

Part # CDP1854A/3
Description  Programmable Universal Asynchronous Receiver/Transmitter (UART)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854A/3 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CDP1854A/3 Datasheet HTML 8Page - Intersil Corporation CDP1854A/3 Datasheet HTML 9Page - Intersil Corporation CDP1854A/3 Datasheet HTML 10Page - Intersil Corporation CDP1854A/3 Datasheet HTML 11Page - Intersil Corporation CDP1854A/3 Datasheet HTML 12Page - Intersil Corporation CDP1854A/3 Datasheet HTML 13Page - Intersil Corporation CDP1854A/3 Datasheet HTML 14Page - Intersil Corporation CDP1854A/3 Datasheet HTML 15Page - Intersil Corporation CDP1854A/3 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
5-53
NOTES:
1. If a start bit occurs at a time less than tDC before a high-to-low transition of the clock, the start bit may not be recognized until the next
high-to-low transition of the clock. The start bit may be completely asynchronous with the clock.
2. Read is the overlap of CS1, CS3, RD/WR = 1 and CS2 = 0. If a pending DA has not been cleared by a read of the Receiver Holding
Register by the time a new word is loaded into the Receiver Holding Register, the OE signal will come true.
3. OE and PE share terminal 15 and are also available as two separate bits in the status register.
FIGURE 4. MODE 1 RECEIVER TIMING DIAGRAM
R CLOCK
READ
tCC
tCL
tCH
tDC
12
START BIT
tTDA
CLOCK 7 1/2
SAMPLE
34
56
7
16
(NOTE 1)
SDI
12
34
56
78
9
STOP BIT 1
CLOCK 7 1/2 LOAD
HOLDING REGISTER
tCDA
tTT
tCOE
tCPE
tCFE
OE
PE
(NOTE 3)
FE
PARITY
DA
(NOTE 2)
TPB
(NOTE 3)
NOTE:
1. Write is the overlap of TPB, CS1, CS3 = 1 and CS2, RD/WR = 0.
FIGURE 5. MODE 1 CPU INTERFACE (WRITE) TIMING DIAGRAM
tRSW
tWRS
tTT
tWD
tDW
TPB
(NOTE 1)
T BUS 0-
T BUS 7
RD/WR, CS2
(NOTE 1)
CS3, CS1
(NOTE 1)
RSEL
CDP1854A, CDP1854AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com