Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854A/3 Datasheet(PDF) 18 Page - Intersil Corporation

Part # CDP1854A/3
Description  Programmable Universal Asynchronous Receiver/Transmitter (UART)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854A/3 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button CDP1854A/3 Datasheet HTML 13Page - Intersil Corporation CDP1854A/3 Datasheet HTML 14Page - Intersil Corporation CDP1854A/3 Datasheet HTML 15Page - Intersil Corporation CDP1854A/3 Datasheet HTML 16Page - Intersil Corporation CDP1854A/3 Datasheet HTML 17Page - Intersil Corporation CDP1854A/3 Datasheet HTML 18Page - Intersil Corporation CDP1854A/3 Datasheet HTML 19Page - Intersil Corporation CDP1854A/3 Datasheet HTML 20Page - Intersil Corporation CDP1854A/3 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
5-59
Dynamic Electrical Specifications TA = -40oC to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD, CL = 100pF,
(See Figure 10)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1854A
CDP1854AC
(NOTE 1)
TYP
(NOTE 2)
MAX
(NOTE 1)
TYP
(NOTE 2)
MAX
TRANSMITTER TIMING - MODE 0
Minimum Clock Period
tCC
5
250
310
250
310
ns
10
125
155
-
-
ns
Minimum Pulse Width
Clock Low Level
tCL
5
100
125
100
125
ns
10
75
100
-
-
ns
Clock High Level
tCH
5
100
125
100
125
ns
10
75
100
-
-
ns
THRL
tTHTH
5
100
150
100
150
ns
10
50
75
-
-
ns
Minimum Setup Time
THRL to Clock
tTHC
5
175
275
175
275
ns
10
90
150
-
-
ns
Data to THRL
tDT
5
20502050
ns
10
0
40
-
-
ns
Minimum Hold Time
Data after THRL
tTD
5
80
120
80
120
ns
10
40
60
-
-
ns
Propagation Delay Time
Clock to Data Start Bit
tCD
5
300
450
300
450
ns
10
150
225
-
-
ns
Clock to THRE
tCT
5
200
300
200
300
ns
10
100
150
-
-
ns
THRL to THRE
tTTHR
5
200
300
200
300
ns
10
100
150
-
-
ns
Clock to TSRE
tTTS
5
200
300
200
300
ns
10
100
150
-
-
ns
NOTES:
1. Typical values for TA = 25
oC and nominal voltages.
2. Maximum limits of minimum characteristics are the values above which all devices function.
CDP1854A, CDP1854AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com