Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8250ARMZ-R7
Description  Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8250ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8250
Data Sheet
Rev. C | Page 10 of 24
15
10
5
0
–5
–10
–15
–40 –25 –10
5
20
35
50
65
80
95
110 125
IB–
IB+
IOS
TEMPERATURE (°C)
Figure 18. Input Bias Current and Offset Current vs. Temperature
140
120
100
80
60
40
20
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
G = 10
G = 5
G = 2
G = 1
Figure 19. CMRR vs. Frequency
140
120
100
80
60
40
20
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
G = 10
G = 5
G = 2
G = 1
Figure 20. CMRR vs. Frequency, 1 kΩ Source Imbalance
10
–10
–8
–6
–4
–2
0
2
4
6
8
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
Figure 21. CMRR vs. Temperature, G = 1
25
–10
–5
0
5
10
15
20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
G = 10
G = 5
G = 2
G = 1
Figure 22. Gain vs. Frequency
40
30
20
10
–10
–30
0
–20
–40
–10
–8
–6
–4
–2
0
2468
10
OUTPUT VOLTAGE (V)
f = 1kHz
Figure 23. Gain Nonlinearity vs. Output Voltage, G = 1, RL = 10 kΩ, 2 kΩ, 600 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com