Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8250ARMZ-R7
Description  Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8250ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8250
Rev. C | Page 11 of 24
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
f = 1kHz
40
30
20
10
–10
–30
0
–20
–40
Figure 24. Gain Nonlinearity vs. Output Voltage, G = 2, RL = 10 kΩ, 2 kΩ, 600 Ω
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
f = 1kHz
40
30
20
10
–10
–30
0
–20
–40
Figure 25. Gain Nonlinearity vs. Output Voltage, G = 5, RL = 10 kΩ, 2 kΩ, 600 Ω
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
f = 1kHz
40
30
20
10
–10
–30
0
–20
–40
Figure 26. Gain Nonlinearity vs. Output Voltage, G = 10, RL = 10 kΩ, 2 kΩ, 600 Ω
16
–16
–12
–8
–4
0
4
8
12
–16
–12
–8
–4
0
4
8
12
16
OUTPUT VOLTAGE (V)
VS = ±15V
–13.8V, +6.9V
–13.8V, –6.9V
+13.8V, –6.9V
+13.8V, +6.9V
–3.8V, +1.9V
–3.8V, –1.9V
+3.9V, +1.9V
0V, +3.7V
0V, –4.0V
+3.8V, –2.1V
0V, +13.8V
0V, –14V
VS = ±5V
Figure 27. Input Common-Mode Voltage Range vs. Output Voltage, G = 1
16
–16
–12
–8
–4
0
4
8
12
–16
–12
–8
–4
0
4
8
12
16
OUTPUT VOLTAGE (V)
VS = ±15V
–14.1V, +13.6V
–4.2V, +2.2V
+4.3V, +2.1V
+4.3V, –2.1V
–4.2V, –2.0V
0V, –4.1V
+0V, +3.5V
0V, –14V
0V, +13.8V
–14.1V, –13.6V
+13.6V, +13.1V
+13.6V, –13.1V
VS = ±5V
Figure 28. Input Common-Mode Voltage Range vs. Output Voltage, G = 10
35
30
25
20
15
10
5
0
–5
–10
–15
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
IB+
IB–
IOS
Figure 29. Input Bias Current and Offset Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com