Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSGS230R Datasheet(PDF) 6 Page - Intersil Corporation

Part # FSGS230R
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSGS230R Datasheet(HTML) 6 Page - Intersil Corporation

  FSGS230R Datasheet HTML 1Page - Intersil Corporation FSGS230R Datasheet HTML 2Page - Intersil Corporation FSGS230R Datasheet HTML 3Page - Intersil Corporation FSGS230R Datasheet HTML 4Page - Intersil Corporation FSGS230R Datasheet HTML 5Page - Intersil Corporation FSGS230R Datasheet HTML 6Page - Intersil Corporation FSGS230R Datasheet HTML 7Page - Intersil Corporation FSGS230R Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-6
Screening Information
Screening is performed in accordance with the latest revision in effect of MIL-S-19500, (Screening Information Table).
FIGURE 13. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 14. RESISTIVE SWITCHING WAVEFORMS
Test Circuits and Waveforms (Continued)
VDS
DUT
RGS
0V
VGS = 12V
VDD
RL
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
Delta Tests and Limits (JANTXV Equivalent, JANS Equivalent) TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Gate to Source Leakage Current
IGSS
VGS = ±30V
±20 (Note 7)
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80% Rated Value
±25 (Note 7)
µA
Drain to Source On Resistance
rDS(ON)
TC = 25
oC at Rated I
D
±20% (Note 8)
Gate Threshold Voltage
VGS(TH)
ID = 1.0mA
±20% (Note 8)
V
NOTES:
7. Or 100% of Initial Reading (whichever is greater).
8. Of Initial Reading.
Screening Information
TEST
JANTXV EQUIVALENT
JANS EQUIVALENT
Unclamped Inductive Switching
VGS(PEAK) = 20V, L = 0.1mH; Limit = 36A
VGS(PEAK) = 20V, L = 0.1mH; Limit = 36A
Thermal Response
tH = 100ms; VH = 25V; IH = 1A; LIMIT = 85mV
tH = 100ms; VH = 25V; IH = 1A; LIMIT = 85mV
Gate Stress
VGS = 45V, t = 250µsVGS = 45V, t = 250µs
Pind
Optional
Required
Pre Burn-In Tests (Note 9)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
Steady State Gate
Bias (Gate Stress)
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
Interim Electrical Tests (Note 9)
All Delta Parameters Listed in the Delta Tests
and Limits Table
All Delta Parameters Listed in the Delta Tests
and Limits Table
Steady State Reverse
Bias (Drain Stress)
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 160 hours
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 240 hours
PDA
10%
5%
Final Electrical Tests (Note 9)
MIL-S-19500, Group A, Subgroup 2
MIL-S-19500, Group A,
Subgroups 2 and 3
NOTE:
9. Test limits are identical pre and post burn-in.
Additional Tests
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Safe Operating Area
SOA
VDS = 160V, t = 10ms
0.5
A
Thermal Impedance
∆VSD
tH = 500ms; VH =25V; IH = 1A
125
mV
FSGS230R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com