Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSGS230R Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSGS230R
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSGS230R Datasheet(HTML) 1 Page - Intersil Corporation

  FSGS230R Datasheet HTML 1Page - Intersil Corporation FSGS230R Datasheet HTML 2Page - Intersil Corporation FSGS230R Datasheet HTML 3Page - Intersil Corporation FSGS230R Datasheet HTML 4Page - Intersil Corporation FSGS230R Datasheet HTML 5Page - Intersil Corporation FSGS230R Datasheet HTML 6Page - Intersil Corporation FSGS230R Datasheet HTML 7Page - Intersil Corporation FSGS230R Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-1
TM
File Number
4867
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
FSGS230R
Radiation Hardened, SEGR Resistant
N-Channel Power MOSFET
Intersil Star*Power Rad Hard
MOSFETs have been specifically
developed for high performance
applications in a commercial or
military space environment.
Star*Power MOSFETs offer the system designer both
extremely low rDS(ON) and Gate Charge allowing the
development of low loss Power Subsystems. Star*Power
Gold FETs combine this electrical capability with total dose
radiation hardness up to 100K RADs while maintaining the
guaranteed performance for SEE (Single Event Effects)
which the Intersil FS families have always featured.
The Intersil family of Star*Power FETs includes a series of
devices in various voltage, current and package styles. The
portfolio consists of Star*Power and Star*Power Gold
products. Star*Power FETs are optimized for total dose and
rDS(ON) while exhibiting SEE capability at full rated voltage
up to an LET of 37. Star*Power Gold FETs have been
optimized for SEE and Gate Charge combining SEE
performance to 80% of the rated voltage for an LET of 82
with extremely low gate charge characteristics.
This MOSFET is an enhancement-mode silicon-gate power
field effect transistor of the vertical DMOS (VDMOS)
structure. It is specifically designed and processed to be
radiation tolerant. The MOSFET is well suited for
applications exposed to radiation environments such as
switching regulation, switching converters, power
distribution, motor drives and relay drivers as well as other
power control and conditioning applications. As with
conventional MOSFETs these Radiation Hardened
MOSFETs offer ease of voltage control, fast switching
speeds and ability to parallel switching devices.
Reliability screening is available as either TXV or Space
equivalent of MIL-S-19500.
Formerly available as type TA45230W.
Features
• 14A, 200V, rDS(ON) = 0.155Ω
• UIS Rated
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 82MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 5V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IAS
• Photo Current
- 3.0nA Per-RAD (Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 1E13 Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Symbol
Packaging
TO-257AA
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Engineering Samples FSGS230D1
100K
TXV
FSGS230R3
100K
Space
FSGS230R4
TM
D
G
S
CAUTION: Beryllia Warning per MIL-S-19500
refer to package specifications.
S
D
G
Data Sheet
June 2000


Similar Part No. - FSGS230R

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
FSG HONEYWELL-ACC-FSG Datasheet
389Kb / 4P
Force Sensor
logo
LEMO Connectors
FSG.0B.302.CLAD32 LEMO-FSG.0B.302.CLAD32 Datasheet
154Kb / 4P
B - Indoor keyed
FSG.0B.302.CLAD42 LEMO-FSG.0B.302.CLAD42 Datasheet
236Kb / 4P
B - Indoor keyed
FSG.0B.302.CLAK52 LEMO-FSG.0B.302.CLAK52 Datasheet
93Kb / 4P
B - Indoor keyed
FSG.0B.302.CLAK52Z LEMO-FSG.0B.302.CLAK52Z Datasheet
108Kb / 4P
B - Indoor keyed
More results

Similar Description - FSGS230R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSGYC260R INTERSIL-FSGYC260R Datasheet
82Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
May 2000
FSGYE230R INTERSIL-FSGYE230R Datasheet
81Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
May 2000
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com