Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1197/K-Q Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1197/K-Q
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1197/K-Q Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1197/K-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1197/K-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
SMD Type
Transistors
1
www.kexin.com.cn
Features
Low VCE(sat).VCE(sat)
-0.5V IC / IB= -0.5A / -50mA .
IC = -0.8A.
PNP silicon transistor
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
b
-
r
o
t
c
e
ll
o
C
CBO
-40
V
V
e
g
a
tl
o
V
r
e
tt
i
m
e
-
r
o
t
c
e
ll
o
C
CEO
-32
V
V
e
g
a
tl
o
V
e
s
a
b
-
r
e
tt
i
m
E
EBO
-5
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-0.8
A
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
C
C
0.2
W
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
C
Collector-base breakdown voltag
VCBO IC = -50 A
-40
V
Collector-emitter breakdown voltage
V CEO IC
V
2
3
-
A
m
1
-
=
Emitter-base breakdown voltage
VEBO IE = -50 A
-5
V
I
t
n
e
rr
u
c
ff
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB
5
.
0
-
V
0
2
-
=
A
I
t
n
e
r
r
u
c
ff
o
t
u
c
r
e
tt
i
m
E
EBO
VEB
5
.
0
-
V
4
-
=
A
Collector-Emitter Saturation Voltage
VCE(sat) IC = -0.5A , IB
V
5
.
0
-
A
m
0
5
-
=
h
o
it
a
r
r
e
f
s
n
a
rt
t
n
e
r
r
u
c
C
D
FE
VCE = -3V , IC = -100mA
120
390
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
ob
VCB = -10V , IE = 0A , f = 1MHz
12
30
pF
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
VCE = -5V , IE = 50mA , f = 100MHz
200
MHz
hFE Classification
PNP Transistors
2SB1197 (2SB1197K)
Type
2SB1197/K-Q
2SB1197/K-Q
Range
120-270
180-390
Marking
AHQ
AHR
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


Similar Part No. - 2SB1197/K-Q

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
logo
Galaxy Semi-Conductor H...
2SB1197 BILIN-2SB1197 Datasheet
445Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
SeCoS Halbleitertechnol...
2SB1197 SECOS-2SB1197 Datasheet
431Kb / 2P
PNP Epitaxial Planar Transistor
2SB1197 SECOS-2SB1197 Datasheet
698Kb / 2P
PNP Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SB1197 HTSEMI-2SB1197 Datasheet
315Kb / 2P
TRANSISTOR(PNP)
More results

Similar Description - 2SB1197/K-Q

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com