Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1197/K-Q Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1197/K-Q
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1197/K-Q Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1197/K-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1197/K-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1197 (2SB1197K)
■
Typical Characterisitics
0
1
-
1
-
1
.
0
-
1
10
100
0
0
1
-
0
1
-
10
100
0
0
1
-
0
1
-
1
-
10
100
1000
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
-0.1
-1
-10
-100
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
-0
-2
-4
-6
-8
-10
-12
-0
-50
-100
-150
-200
-250
-300
-350
f=1MHz
I
E=0 / IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
50
-20
COLLECTOR CURRENT I
C
(mA)
V
CE=-5V
Ta=25
oC
I
C
f
T
——
300
V
CE= -3V
Ta =100
oC
Ta =25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
- 800
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
-2
Ta=100℃
-800
-
-
-
-
-
-
COLLECTOR CURRENT I
C
(mA)
Ta =25℃
Ta =100℃
β=10
I
C
V
BEsat ——
-800
Ta=25℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
-
-1mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
-0.2mA
I
B=-0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com