Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1188-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1188-R
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1188-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1188-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1188-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1188-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
SMD Type
Transistors
1
www.kexin.com.cn
2SB1188
Features
Low VCE(sat).
VCE(sat) = -0.5V (Typ.)
(IC/IB = -2A / -0.2A)
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
-40
V
V
e
g
a
tl
o
V
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
-32
V
V
e
g
a
tl
o
V
e
s
a
b
-r
e
tt
i
m
E
EBO
-5
V
IC
-2
A
ICP *
-3
A
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
C
C
0.5
W
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
* PW=100ms
Collector current
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltae
BVCBO IC = -50 uA
-40
V
Collector-emitter breakdown voltage
BVCEO IC
V
2
3
-
A
m
1
-
=
Emitter-base breakdown voltage
BVEBO IE = -50 A
-5
V
I
t
n
e
rr
u
c
ff
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB
A
u
1
-
V
0
2
-
=
I
t
n
e
rr
u
c
ff
o
t
u
c
r
e
tt
i
m
E
EBO
VEB
A
u
1
-
V
4
-
=
Collector-Emitter Saturation Voltage
VCE(sat) IC = -2A , IB
V
8
.
0
-
5
.
0
-
A
2
.
0
-
=
h
o
it
a
r
r
e
f
s
n
a
rt
t
n
e
rr
u
c
C
D
FE
VCE = -3V , IC = -0.5A
82
390
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
VCE = -5V , IE = 0.5A , f = 30MHz
100
MHz
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
ob
VCB = -10V , IE = 0, f = 1MHz
50
pF
hFE Classification
PNP Transistor
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
C
f
Type
2SB1188-P
2SB1188-Q
2SB1188-R
Range
82-180
120-270
180-390
Marking
BCP*
BCQ*
BCR*


Similar Part No. - 2SB1188-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1188-R MCC-2SB1188-R Datasheet
217Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1188-R MCC-2SB1188-R Datasheet
246Kb / 2P
PNP Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
2SB1188-R YFWDIODE-2SB1188-R Datasheet
603Kb / 4P
PNP Transistors
More results

Similar Description - 2SB1188-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com