Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1188-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1188-R
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1188-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1188-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1188-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1188-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
2SB1188
PNP Transistor
■
Typical Characterisitics
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0 −0.2
−0.6 −0.8 −1.0 −1.2 −1.4 −1.6 −1.8 −2.0 −2.2
−0.4
−1
−2
−5
−10
−20
−50
−100
−200
−500
−1000
VCE= −3V
Ta=100°C
25°C
−40°C
Fig.2 Grounded emitter output
characteristics
−0.4
0
−0.8
−1.2
−1.6
−2
0
−0.1
−0.2
−0.3
−0.4
−0.5
IB=0A
−250µA
−500µA
−750µA
−1mA
−1.25mA
−1.5mA
−1.75mA
−2mA
−2.25mA
−2.5mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Ta=25°C
Fig.3 DC current gain vs.
collector curren ( )
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
50
20
100
200
500
Ta=25°C
COLLECTOR CURRENT : IC
(mA)
VCE= −6V
−3V
−1V
Fig.6 Collector-emitter saturation
voltage vs. collector current ( )
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
−20
−50
−100
−200
−500 lC/lB=10
COLLECTOR CURRENT : IC
(mA)
Ta=100°C
25°C
−40°C
Fig.5 Collector-emitter saturation
voltage vs. collector current ( )
COLLECTOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
−
50
−
100
−
200
−
500 Ta=25°C
IC/IB=
50
20
10
Fig.4 DC current gain vs.
collector current ( )
50
20
100
200
500
VCE= −3V
COLLECTOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
Ta=100°C
25°C
−25°C
Fig.7 Base-emitter saturation voltage
vs. collector current
COLLETOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
−0.1
−0.05
−0.2
−0.5
−1
IC /IB=10
Ta=25°C
Fig.8 Gain bandwidth product vs.
emitter current
Ta=25°C
VCE= −5V
EMITTER CURRENT : IE
(mA)
5
10 20
50 100
500 1000 2000
200
50
100
200
500
Fig.9 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Ta=25°C
f=1MHz
IE=
0A
IC=
0A
−0.5
−1
−2
−5
−10 −20 −30
10
20
50
200
300
100
Cib
Cob



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com