Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS9130R Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSS9130R
Description  6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS9130R Datasheet(HTML) 4 Page - Intersil Corporation

  FSS9130R Datasheet HTML 1Page - Intersil Corporation FSS9130R Datasheet HTML 2Page - Intersil Corporation FSS9130R Datasheet HTML 3Page - Intersil Corporation FSS9130R Datasheet HTML 4Page - Intersil Corporation FSS9130R Datasheet HTML 5Page - Intersil Corporation FSS9130R Datasheet HTML 6Page - Intersil Corporation FSS9130R Datasheet HTML 7Page - Intersil Corporation FSS9130R Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-200
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
2
4
6
8
10
1
-1
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
-10
-100
100
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
100ms
10ms
1ms
TC = 25
oC
CHARGE
QGD
QG
VG
QGS
-12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = -12V, ID = 4A
1
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
0.001
0.01
0.1
10
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC + TC
PDM
t1
t2
SINGLE PULSE
0.02
0.1
0.05
0.5
0.2
0.01
FSS9130D, FSS9130R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com