Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS9130R Datasheet (PDF) - Intersil Corporation

FSS9130R Datasheet PDF - Intersil Corporation
Part # FSS9130R
Download  FSS9130R Download
File Size   44.98 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs

FSS9130R Datasheet (PDF)

Go To PDF Page Download Datasheet
FSS9130R Datasheet PDF - Intersil Corporation

Part # FSS9130R
Download  FSS9130R Click to download

File Size   44.98 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs

FSS9130R Datasheet (HTML) - Intersil Corporation


FSS9130R Product details

Description

The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.



Features

• 6A, -100V, rDS(ON) = 0.660Ω

• Total Dose

  - Meets Pre-RAD Specifications to 100K RAD (Si)

• Single Event

  - Safe Operating Area Curve for Single Event Effects

  - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias

• Dose Rate

- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS

- Typically Survives 2E12 if Current Limited to IDM

• Photo Current

- 1.5nA Per-RAD(Si)/s Typically

• Neutron

- Maintain Pre-RAD Specifications for 3E13 Neutrons/cm2

- Usable to 3E14 Neutrons/cm2




Similar Part No. - FSS9130R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS913A0D INTERSIL-FSS913A0D Datasheet
56Kb / 8P
10A, -100V, 0.280 Ohm, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS913A0D1 INTERSIL-FSS913A0D1 Datasheet
56Kb / 8P
10A, -100V, 0.280 Ohm, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS913A0D3 INTERSIL-FSS913A0D3 Datasheet
56Kb / 8P
10A, -100V, 0.280 Ohm, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS913A0R INTERSIL-FSS913A0R Datasheet
56Kb / 8P
10A, -100V, 0.280 Ohm, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS913A0R1 INTERSIL-FSS913A0R1 Datasheet
56Kb / 8P
10A, -100V, 0.280 Ohm, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
June 1999
More results


Similar Description - FSS9130R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF9150D INTERSIL-FSF9150D Datasheet
45Kb / 8P
22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com