Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1760-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1760-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1760-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1760-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1760-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1760-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1760
■
Typical Characterisitics
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
0
10
0.01
2
5
1
0.2
0.5
0.1
0.02
0.05
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VCE =
3V
25°C
−25°C
Ta = 100°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics (1)
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
2.5
3.0
15mA
20mA
25mA
30mA
35mA
40mA
50mA
10mA
5mA
IB = 0mA
45mA
Ta = 25°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3 Grounded-emitter output
characteristics( 2)
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
Ta = 25°C
50mA
45mA
40mA
35mA
30mA
25mA
15mA
10mA
PC = 15W
IB = 5mA
20mA
COLLECTOR CURRENT : IC
(A)
Fig.4 DC current gain vs.
collector current(1 )
0.01 0.02 0.05 0.1 0.2 0.5 1
2
5
1000
500
200
100
50
20
10
5
2
1
Ta = 25°C
10
VCE = 5V
3V
COLLECTOR CURRENT : IC
(A)
Fig.5 DC current gain vs.
collector curren(2)
0.01 0.02 0.05 0.1 0.2 0.5 1
2
5 10
1000
500
200
100
50
20
10
5
2
1
VCE
= 3V
Ta = 100°C
−25°C
25°C
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation
voltage vs. collector current
0.010.02 0.05 0.1 0.2 0.5 1
2
5 10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Ta = 25°C
IC/IB = 50
20
10
COLLECTOR CURRENT : IC
(A)
Fig.7 Collector-emitter saturation
voltage vs. collector current
Base-emitter saturation voltage
vs. collector current
0.01 0.02 0.05 0.1 0.2 0.5 1
2
5 10
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
lC/lB = 10
VBE (sat)
VCE (sat)
Ta = −25°C
100°C
25°C
25°C
Ta = 100°C
−25°C
EMITTER CURRENT : −IE
(mA)
Fig.8 Gain bandwidth product vs.
emitter current
1
2
5 10 20
50 100 200 5001000
1000
500
200
50
20
100
10
2
5
1
Ta = 25°C
VCE
= 5V
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.9 Collector output capacitance
vs. collector-base voltage
0.1 0.2 0.5 1
2
5 10 20
50 100
100
200
500
1000
10
20
50
2
5
1
Ta = 25°C
f = 1MHz
IE
= 0A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com