Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1760-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1760-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1760-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1760-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1760-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1760-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
■
Typical Characterisitics
NPN Transistors
2SD1760
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.10 Safe operating area
0.1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
0.2 0.5 1
2
5 10 20
50 100
Ta = 25°C
Single pulse
DC
VCE=5v
IC=0.2A
1
10
1sec 10sec 100sec
100
1
0.1
10
100
TIME : T
(ms)
Fig.11 Transient thermal resistance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com