Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8603AUJ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8603AUJ-R2
Description  Precision Micropower, Low Noise CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603AUJ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8603AUJ-R2 Datasheet HTML 1Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 2Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 3Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 4Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 5Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 6Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 7Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 8Page - Analog Devices AD8603AUJ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision Micropower, Low Noise CMOS,
Rail-to-Rail Input/Output Operational Amplifiers
AD8603/AD8607/AD8609
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 50 μV maximum
Low input bias current: 1 pA maximum
Single-supply operation: 1.8 V to 5 V
Low noise: 22 nV/√Hz
Micropower: 50 μA maximum
Low distortion
No phase reversal
Unity gain stable
APPLICATIONS
Battery-powered instrumentation
Multipole filters
Sensors
Low power ASIC input or output amplifiers
GENERAL DESCRIPTION
The AD8603/AD8607/AD8609 are single/dual/quad micro-
power rail-to-rail input and output amplifiers, respectively, that
feature very low offset voltage as well as low input voltage and
current noise.
These amplifiers use a patented trimming technique that achieves
superior precision without laser trimming. The parts are fully
specified to operate from 1.8 V to 5.0 V single supply or from
±0.9 V to ±2.5 V dual supply. The combination of low offsets, low
noise, very low input bias currents, and low power consumption
makes the AD8603/AD8607/AD8609 especially useful in portable
and loop-powered instrumentation.
The ability to swing rail to rail at both the input and output
enables designers to buffer CMOS ADCs, DACs, ASICs, and
other wide output swing devices in low power, single-supply
systems.
The AD8603 is available in a tiny 5-lead TSOT package. The
AD8607 is available in 8-lead MSOP and 8-lead SOIC packages.
The AD8609 is available in 14-lead TSSOP and 14-lead SOIC
packages.
PIN CONFIGURATIONS
OUT 1
V– 2
+IN 3
V+
5
–IN
4
AD8603
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead TSOT (UJ Suffix)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8607
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM Suffix)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8607
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R Suffix)
1
2
3
4
5
6
7
AD8609
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead TSSOP (RU Suffix)
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
AD8609
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead SOIC (R Suffix)


Similar Part No. - AD8603AUJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8603AUJ-R2 AD-AD8603AUJ-R2 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603AUJ-R2 AD-AD8603AUJ-R2 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8603AUJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR293 AD-ADR293 Datasheet
159Kb / 11P
Low Noise Micropower Precision Voltage Reference
REV.0
AD8655 AD-AD8655 Datasheet
329Kb / 20P
Low Noise, Precision CMOS Amplifier
6/05-Rev. 0 to Rev. A
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
Low Noise, Precision CMOS Amplifier
REV. D
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
REV. C
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
REV. C
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
Low Cost Micropower, Low Noise CMOS
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com