Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8603AUJZ-R21 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8603AUJZ-R21
Description  Precision Micropower, Low Noise CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603AUJZ-R21 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8603AUJZ-R21 Datasheet HTML 4Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 5Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 6Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 7Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 8Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 9Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 10Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 11Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 8 of 16
LOAD CAPACITANCE (pF)
10
0
10
20
100
1000
30
OS–
50
40
VS = 5V
60
OS+
Figure 18. Small Signal Overshoot vs. Load Capacitance
TEMPERATURE (°C)
–40
35
20
80
–25
50
60
–10
5
35
65
10
0
95
110 125
25
50
55
45
40
30
20
15
5
VS = ±2.5V
Figure 19. Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
0
0
30
60
80
24
5
3
20
10
70
50
40
1
100
90
TA = 25°C
Figure 20. Supply Current vs. Supply Voltage
VS = 5V, 1.8V
TIME (1s/DIV)
Figure 21. 0.1 Hz to 10 Hz Input Voltage Noise
VS = 5V
RL = 10kΩ
CL = 200pF
AV = 1
TIME (4µs/DIV)
Figure 22. Small Signal Transient
TIME (20µs/DIV)
VS = 5V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 23. Large Signal Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com