Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8603AUJZ-R21 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8603AUJZ-R21
Description  Precision Micropower, Low Noise CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603AUJZ-R21 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8603AUJZ-R21 Datasheet HTML 5Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 6Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 7Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 8Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 9Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 10Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 11Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 12Page - Analog Devices AD8603AUJZ-R21 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 9 of 16
VS = ±2.5V
RL = 10kΩ
AV = 100
VIN = 50mV
0V
0V
–50mV
+2.5V
TIME (4
μs/DIV))
TIME (40µs/DIV)
Figure 24. Negative Overload Recovery
VS = ±2.5V
RL = 10kΩ
AV = 100
VIN = 50mV
0V
0V
–50mV
+2.5V
TIME (4µs/DIV)
Figure 25. Positive Overload Recovery
FREQUENCY (kHz)
24
0.1
1.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
48
72
96
120
144
168
0
VS = ±2.5V
Figure 26. Voltage Noise Density vs. Frequency
FREQUENCY (kHz)
22
11
2
34
567
89
0
44
66
88
110
132
176
0
0
VS = ±2.5V
154
Figure 27. Voltage Noise Density vs. Frequency
VOS (µV)
–300
0
300
500
800
–240
60
240
–180 –120
120
180
300
400
200
100
700
600
0
–60
50
150
250
350
450
550
650
750
VS = 1.8V
TA = 25°C
VCM = 0V TO 1.8V
Figure 28. VOS Distribution
VCM(V)
0
–300
–100
100
300
0.9
0.6
0.3
1.5
1.8
1.2
–200
–150
–250
–50
0
50
150
200
250
VS = 1.8V
TA = 25°C
VCM (V)
Figure 29. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com