Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR14-HGL-TT-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AR14-HGL-TT-R
Description  IC-Socket, 14 Pin, Machined Contact
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AR14-HGL-TT-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AR14-HGL-TT-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.01.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AR14-HGL-TT-R
IC-Socket, 14 Pin, Machined Contact
Pitch: 2.54MM, Pin Length: 7.43 MM
Complaint
RoHS
rev00
17.78MM±0.35MM
15.24MM±0.25MM
17.78MM±0.35MM
15.24MM±0.25MM


Similar Part No. - AR14-HGL-TT-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR14-HZL01-TT-R ASSMANN-AR14-HZL01-TT-R Datasheet
340Kb / 1P
TITLE IC-Socket, 14pin, Machined Contacts
More results

Similar Description - AR14-HGL-TT-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR14-HZL01-TT-R ASSMANN-AR14-HZL01-TT-R Datasheet
340Kb / 1P
TITLE IC-Socket, 14pin, Machined Contacts
AR06-HGL-TT-R ASSMANN-AR06-HGL-TT-R Datasheet
343Kb / 1P
IC-Socket, 6 Pin, Machined Contact
AR18-HGL-TT-R ASSMANN-AR18-HGL-TT-R Datasheet
333Kb / 1P
IC-Socket, 18 Pin, Machined Contact
AR24-HGL-7-TT-R ASSMANN-AR24-HGL-7-TT-R Datasheet
345Kb / 1P
IC-SOCKET, 24PIN, MACHINED CONTACTS
AR28-HGL-TT-R ASSMANN-AR28-HGL-TT-R Datasheet
327Kb / 1P
IC-Socket, 28 Pin, Machined Contact
AR40-HGL-TT-R ASSMANN-AR40-HGL-TT-R Datasheet
340Kb / 1P
IC-SOCKET, 40PIN, MACHINED CONTACTS
logo
TE Connectivity Ltd
C-2213265 TEC-C-2213265 Datasheet
170Kb / 1P
MACHINED SOCKET CONTACT NECTOR M-LINE
C-2213266 TEC-C-2213266 Datasheet
158Kb / 1P
MACHINED PIN CONTACT NECTOR M-LINE
C-2213656 TEC-C-2213656 Datasheet
170Kb / 1P
MACHINED SOCKET CONTACT NECTOR* M-LINE-SEALED
logo
Amphenol Sine Systems C...
SC000532-14-R4 ASS-SC000532-14-R4 Datasheet
198Kb / 1P
4MM FEMALE SOCKET, 14-16AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com