Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5222/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-5222/883
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-5222/883 Datasheet HTML 1Page - Intersil Corporation HA-5222/883 Datasheet HTML 2Page - Intersil Corporation HA-5222/883 Datasheet HTML 3Page - Intersil Corporation HA-5222/883 Datasheet HTML 4Page - Intersil Corporation HA-5222/883 Datasheet HTML 5Page - Intersil Corporation HA-5222/883 Datasheet HTML 6Page - Intersil Corporation HA-5222/883 Datasheet HTML 7Page - Intersil Corporation HA-5222/883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-170
Specifications HA-5222/883
Absolute Maximum Ratings
Thermal Information (Typical)
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 36V
Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current (Pulsed at 1ms, 10% Duty Cycle) . . . . . 100mA
Continuous Output Current. . . . . . . . . . . . . . Short Circuit Protected
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . .
96oC/W
16oC/W
Package Power Dissipation Limit at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.04W
Package Power Dissipation Derating Factor Above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10.4mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . ±5V to ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 1kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VCM = 0V
1
+25oC
-0.75
0.75
mV
2, 3
+125oC, -55oC
-1.5
1.5
mV
Input Bias Current
+IB
VCM = 0V,
+RS = 100.1kΩ,
-RS = 100Ω
1
+25oC
-80
80
nA
2, 3
+125oC, -55oC
-200
200
nA
-IB
VCM = 0V, +RS = 100Ω,
-RS = 100.1kΩ
1
+25oC
-80
80
nA
2, 3
+125oC, -55oC
-200
200
nA
Input Offset Current
IIO
VCM = 0V,
+RS = 100.1kΩ,
-RS = 100.1kΩ
1
+25oC
-50
50
nA
2, 3
+125oC, -55oC
-150
150
nA
Common Mode Range
+CMR
V+ = +3V, V- = -27V
1
+25oC12
-
V
2, 3
+125oC, -55oC12
-
V
-CMR
V+ = +27V, V- = -3V
1
+25oC
-
-12
V
2, 3
+125oC, -55oC
-
-12
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V
4
+25oC
106
-
dB
5, 6
+125oC, -55oC
100
-
dB
-AVOL
VOUT = 0V and -10V
4
+25oC
106
-
dB
5, 6
+125oC, -55oC
100
-
dB
Common Mode
Rejection Ratio
+CMRR
∆V
CM = +10V,
V+ = +5V, V- = -25V,
VOUT = -10V
1
+25oC88
-
dB
2, 3
+125oC, -55oC86
-
dB
-CMRR
∆V
CM = -10V,
V+ = +25V, V- = -5V,
VOUT = +10V
1
+25oC88
-
dB
2, 3
+125oC, -55oC86
-
dB
Output Voltage Swing
+VOUT
RL = 1kΩ
4
+25oC
12.0
-
V
5, 6
+125oC, -55oC
11.5
-
V
-VOUT
RL = 1kΩ
4
+25oC
-
-12.0
V
5, 6
+125oC, -55oC
-
-11.5
V
Spec Number
511062-883



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com