Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5222/883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-5222/883
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222/883 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-5222/883 Datasheet HTML 1Page - Intersil Corporation HA-5222/883 Datasheet HTML 2Page - Intersil Corporation HA-5222/883 Datasheet HTML 3Page - Intersil Corporation HA-5222/883 Datasheet HTML 4Page - Intersil Corporation HA-5222/883 Datasheet HTML 5Page - Intersil Corporation HA-5222/883 Datasheet HTML 6Page - Intersil Corporation HA-5222/883 Datasheet HTML 7Page - Intersil Corporation HA-5222/883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3-171
Spec Number
511062-883
Specifications HA-5222/883
Output Current
+IOUT
VOUT = +10V, RL = 1kΩ
4
+25oC30
-
mA
5, 6
+125oC, -55oC30
-
mA
-IOUT
VOUT = -10V, RL = 1kΩ
4
+25oC
-
-30
mA
5, 6
+125oC, -55oC
-
-30
mA
Quiescent Power Supply
Current
+ICC
VOUT = 0V, IOUT = 0mA
1
+25oC
-
20
mA
2, 3
+125oC, -55oC
-
22
mA
-ICC
VOUT = 0V, IOUT = 0mA
1
+25oC
-20
-
mA
2, 3
+125oC, -55oC
-22
-
mA
Power Supply
Rejection Ratio
+PSRR
∆V
SUP = 10V,
V+ = +20V, V- = -15V,
V+ = +10V, V- = -15V
1
+25oC90
-
dB
2, 3
+125oC, -55oC86
-
dB
-PSRR
∆V
SUP = 10V,
V+ = +15V, V- = -20V,
V+ = +15V, V- = -10V
1
+25oC90
-
dB
2, 3
+125oC, -55oC86
-
dB
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Table 2 Intentionally Left Blank. See AC Specifications in Table 3.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTIC
Device Characterized at: VSUPPLY = ±15V, RLOAD = 1kΩ, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Noise Voltage
Density
EN
RS = 0Ω, fO = 10Hz
1, 5
+25oC
-
16.0
nV
/√Hz
RS = 0Ω, fO = 100Hz
1, 5
+25oC
-
6.6
nV
/√Hz
RS = 0Ω, fO = 1kHz
1, 5
+25oC
-
5.9
nV
/√Hz
Input Noise Current
Density
IN
RS = 500kΩ, fO = 10Hz
1, 5
+25oC
-
24.0
pA
/√Hz
RS = 500kΩ, fO = 100Hz
1, 5
+25oC
-
6.6
pA
/√Hz
RS = 500kΩ, fO = 1kHz
1, 5
+25oC
-
2.7
pA
/√Hz
Gain Bandwidth Product
GBWP
VOUT = 200mVP-P,
fO = 100kHz
1
+25oC
100
-
MHz
-55oC to +125oC
88
-
MHz
Unity Gain Bandwidth
UGBW
VOUT = 200mV
1
+25oC
30
-
MHz
-55oC to +125oC
25
-
MHz
Slew Rate
±SR
VOUT = ±2.5V,
CL = 50pF
1
-55oC to +125oC25
-
V/
µs
Full Power Bandwidth
FPBW
VPEAK = 10V
1, 2
-55oC to +125oC
398
-
kHz
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com