Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5340/883 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA5340/883
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340/883 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA5340/883 Datasheet HTML 4Page - Intersil Corporation HA5340/883 Datasheet HTML 5Page - Intersil Corporation HA5340/883 Datasheet HTML 6Page - Intersil Corporation HA5340/883 Datasheet HTML 7Page - Intersil Corporation HA5340/883 Datasheet HTML 8Page - Intersil Corporation HA5340/883 Datasheet HTML 9Page - Intersil Corporation HA5340/883 Datasheet HTML 10Page - Intersil Corporation HA5340/883 Datasheet HTML 11Page - Intersil Corporation HA5340/883 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as applica-
tion and design information only. No guarantee is implied.
7-16
HA5340
Test Circuits
HOLD STEP ERROR AND DROOP RATE
HOLD STEP ERROR
1. Observe the ‘‘hold step’’ voltage Vp:
DROOP RATE TEST
1. Observe the voltage ‘‘droop’’,
∆V
O/∆T:
2. Measure the slope of the output during hold,
∆V
O /∆T.
3. Droop can be positive or negative - usually to one rail or the other
not to GND.
HOLD MODE FEED THROUGH ATTENUATION
Feedthrough in dB = 20 Log
VOUT where:
VIN
VOUT = Voltsp-p, Hold Mode,
VIN = Voltsp-p.
14
2
1
7
11
N.C.
-INPUT
+INPUT
S/H CONTROL
CONTROL
INPUT
S/H
OUTPUT
VO
(CH = 135pF = INTERNAL)
HA-5340
8
N.C.
HOLD (4.0V)
SAMPLE (0V)
S/H CONTROL
V
O
Vp
∆V
O
∆T
S/H CONTROL
VO
HOLD (4.0V)
SAMPLE (0V)
VIN
ANALOG
MUX OR
SWITCH
AIN
S/H
CONTROL
CH
REF
COM
SUPPLY
GND
+IN
-IN
TO
SIGNAL
GND
TO
SUPPLY
COMMON
N.C.
OUT
VOUT
7
13
11
6
1
2
14
-V
+V
S/H CONTROL
INPUT
95
HA-5340
200kHz
SINE WAVE
20Vp-p
Spec Number
511117-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com