Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5340/883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5340/883
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340/883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA5340/883 Datasheet HTML 1Page - Intersil Corporation HA5340/883 Datasheet HTML 2Page - Intersil Corporation HA5340/883 Datasheet HTML 3Page - Intersil Corporation HA5340/883 Datasheet HTML 4Page - Intersil Corporation HA5340/883 Datasheet HTML 5Page - Intersil Corporation HA5340/883 Datasheet HTML 6Page - Intersil Corporation HA5340/883 Datasheet HTML 7Page - Intersil Corporation HA5340/883 Datasheet HTML 8Page - Intersil Corporation HA5340/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
7-8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HA5340/883
High Speed, Low Distortion, Precision Monolithic
Sample and Hold Amplifier
Description
The HA-5340/883 combines the advantages of two sample/hold
architectures to create a new generation of monolithic sample/
hold. High amplitude, high frequency signals can be sampled
with very low distortion being introduced. The combination of
exceptionally fast acquisition time and specified/characterized
hold mode distortion is an industry first. Additionally, the AC
performance is only minimally affected by additional hold
capacitance.
To achieve this level of performance, the benefits of an
integrating output stage have been combined with the
advantages of a buffered hold capacitor. To the user this
translates to a front-end stage that has high bandwidth due to
charging only a small capacitive load and an output stage with
constant pedestal error which can be nulled out using the offset
adjust pins. Since the performance penalty for additional hold
capacitance is low, the designer can further minimize pedestal
error and droop rate without sacrificing speed.
Low distortion, fast acquisition, and low droop rate are the
result, making the HA-5340/883 the obvious choice for high
speed, high accuracy sampling systems.
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Fast Acquisition Time (0.01%) . . . . . . . . . . . . . . . 900ns
• Fast Hold Mode Settling Time (0.01%) . . . . . . . . . 300ns
• Low Distortion (Hold Mode) . . . . . . . . . . . -72dBc (Typ)
(VIN = 200kHz, Fs = 450kHz, 5VP-P)
• Bandwidth Minimally Affected By External CH
• Fully Differential Analog Inputs
• Built-in 135pF Hold Capacitor
• Pin Compatible with HA-5320
Applications
• High Bandwidth Precision Data Acquisition Systems
• Inertial Navigation and Guidance Systems
• Ultrasonics
• SONAR
• RADAR
June 1994
Pinouts
HA-5340/883 (CERDIP)
TOP VIEW
HA-5340/883 (CLCC)
TOP VIEW
-INPUT
+INPUT
V-
SIG GND
OUTPUT
SUPPLY GND
NC
NC
V+
NC
S/H CONTROL
EXTERNAL
HOLD CAP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OFFSET ADJ
OFFSET ADJ
4
5
6
7
8
910 11 12 13
32
1
20 19
15
14
18
17
16
OFFSET ADJ
NC
OFFSET ADJ
NC
V-
NC
NC
NC
NC
EXT. HOLD CAP.
Functional Diagram
NOTE: Buffer acts as a buffer in sample mode, acts as a closed switch in hold
mode.
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
HA1-5340/883
-55oC to +125oC
14 Lead CerDIP
HA4-5340/883
-55oC to +125oC
20 Lead Ceramic LCC
4
37
OFFSET
ADJUST
7
OUT
6
95
13
CCOMP
15pF
120pF
CHOLD
14
2
1
CONTROL
S/H
11
(OPTIONAL)
CHOLD EXTERNAL
-IN
+IN
*
Spec Number
511117-883
File Number
2452.1


Similar Part No. - HA5340/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
High Speed Precision Sample and Hold Amplifier
July 1994
HA5320/883 INTERSIL-HA5320/883 Datasheet
90Kb / 12P
High Speed Precision Sample and Hold Amplifier
July 1994
HA5320883 INTERSIL-HA5320883 Datasheet
90Kb / 12P
High Speed Precision Sample and Hold Amplifier
July 1994
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
HA5351 INTERSIL-HA5351 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
More results

Similar Description - HA5340/883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
logo
Burr-Brown (TI)
SHC5320 BURR-BROWN-SHC5320 Datasheet
87Kb / 10P
High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340 Datasheet
399Kb / 8P
700ns, Low Distortion, Precision Sample and Hold Amplifier
September 1998
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
High Speed Precision Sample and Hold Amplifier
July 1994
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
High Speed Precision Sample and Hold Amplifier
April 2002
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_15 Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_17 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
logo
Renesas Technology Corp
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com