Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5523IP Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC5523IP
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523IP Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC5523IP Datasheet HTML 5Page - Intersil Corporation HC5523IP Datasheet HTML 6Page - Intersil Corporation HC5523IP Datasheet HTML 7Page - Intersil Corporation HC5523IP Datasheet HTML 8Page - Intersil Corporation HC5523IP Datasheet HTML 9Page - Intersil Corporation HC5523IP Datasheet HTML 10Page - Intersil Corporation HC5523IP Datasheet HTML 11Page - Intersil Corporation HC5523IP Datasheet HTML 12Page - Intersil Corporation HC5523IP Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
64
The value of RSG should be calculated to allow maximum
loop length operation. This requires that the saturation guard
reference voltage be set as high as possible without clipping
the incoming or outgoing VF signal. A voltage margin of -4V
on tip and -4V on ring, for a total of -8V margin, is
recommended as a general guideline. The value of RSG is
calculated using Equation 6:
where:
VBAT = Battery voltage.
VMAR = Voltage Margin. Recommended value of -8V to
allow a maximum overload level of 3.1V peak.
For on-hook transmission RL = ∞, Equation 6 reduces to:
SLIC in the Standby Mode
Overall system power is saved by configuring the SLIC in the
standby state when not in use. In the standby state the tip and
ring amplifiers are disabled and internal resistors are connected
between tip to ground and ring to VBAT. This connection
enables a loop current to flow when the phone goes off-hook.
The loop current detector then detects this current and the
SLIC is configured in the active mode for voice transmission.
The loop current in standby state is calculated as follows:
where:
IL = Loop current in the standby state.
RL = Loop resistance.
VBAT = Battery voltage.
(AC) Transmission Path
SLIC in the Active Mode
Figure 16 shows a simplified AC transmission model. Circuit
analysis yields the following design equations:
where:
VTR = Is the AC metallic voltage between tip and ring,
including the voltage drop across the fuse resistors RF.
VTX = Is the AC metallic voltage. Either at the ground
referenced 4-wire side or the SLIC tip and ring terminals.
IM = Is the AC metallic current.
RF = Is a fuse resistor.
ZT = Is used to set the SLIC’s 2-wire impedance.
VRX = Is the analog ground referenced receive signal.
ZRX = Is used to set the 4-wire to 2-wire gain.
EG = Is the AC open circuit voltage.
ZL = Is the line impedance.
(AC) 2-Wire Impedance
The AC 2-wire impedance (ZTR) is the impedance looking
into the SLIC, including the fuse resistors, and is calculated
as follows:
Let VRX = 0. Then from Equation 10
R
SG
510
5
•
V
BAT
V
MAR
–
()
1
R
DC1
R
DC2
+
()
600R
L
----------------------------------------------
+



16.66V
–
×
----------------------------------------------------------------------------------------------------------------------------------------------
17300
–







=
(EQ. 6)
R
SG
510
5
•
V
BAT
V
MAR
16.66V
–
–
------------------------------------------------------------------
17300
–
=
(EQ. 7)
I
L
V
BAT
3V
–
R
L
1800
Ω
+
--------------------------------
≈
(EQ. 8)
V
TR
V
TX
I
M
2R
F
•
+
=
(EQ. 9)
V
TX
Z
T
-----------
V
RX
Z
RX
-----------
+
I
M
1000
-------------
=
(EQ. 10)
V
TR
E
G
I
M
Z
L
•
–
=
(EQ. 11)
VTX
RSN
TIP
RING
IM
ZTR
VTR
EG
VTX
IM
1000
VTX
ZRX
1
HC5523
RF
RF
A = 4
+
-
+
-
+
-
+
-
ZT
+
-
VRX
+
-
A = 250
A = 250
IM
ZL
FIGURE 16. SIMPLIFIED AC TRANSMISSION CIRCUIT
V
TX
Z
T
I
M
1000
-------------
•
=
(EQ. 12)
HC5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com