Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5523IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC5523IP
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC5523IP Datasheet HTML 6Page - Intersil Corporation HC5523IP Datasheet HTML 7Page - Intersil Corporation HC5523IP Datasheet HTML 8Page - Intersil Corporation HC5523IP Datasheet HTML 9Page - Intersil Corporation HC5523IP Datasheet HTML 10Page - Intersil Corporation HC5523IP Datasheet HTML 11Page - Intersil Corporation HC5523IP Datasheet HTML 12Page - Intersil Corporation HC5523IP Datasheet HTML 13Page - Intersil Corporation HC5523IP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
65
ZTR is defined as:
Substituting in Equation 9 for VTR
Substituting in Equation 12 for VTX
Therefore
Equation 16 can now be used to match the SLIC’s
impedance to any known line impedance (ZTR).
Example:
Calculate ZT to make ZTR = 600Ω in series with 2.16µF.
RF =20Ω.
ZT = 560kΩ in series with 2.16nF
(AC) 2-Wire to 4-Wire Gain
The 2-wire to 4-wire gain is equal to VTX/ VTR
From Equations 9 and 10 with VRX = 0
(AC) 4-Wire to 2-Wire Gain
The 4-wire to 2-wire gain is equal to VTR/VRX
From Equations 9, 10 and 11 with EG = 0
For applications where the 2-wire impedance (ZTR,
Equation 15) is chosen to equal the line impedance (ZL), the
expression for A4-2 simplifies to:
(AC) 4-Wire to 4-Wire Gain
The 4-wire to 4-wire gain is equal to VTX/VRX
From Equations 9, 10 and 11 with EG = 0
Transhybrid Circuit
The purpose of the transhybrid circuit is to remove the
receive signal (VRX) from the transmit signal (VTX), thereby
preventing an echo on the transmit side. This is
accomplished by using an external op amp (usually part of
the CODEC) and by the inversion of the signal from the
4-wire receive port (RSN) to the 4-wire transmit port (VTX).
Figure 17 shows the transhybrid circuit. The input signal will
be subtracted from the output signal if I1 equals I2. Node
analysis yields the following equation:
The value of ZB is then
Where VRX/VTX equals 1/ A4-4
Therefore
Example:
Given: RTX = 20kΩ, ZRX = 280kΩ, ZT = 562kΩ (standard
value), RF = 20Ω and Z = 600Ω
The value of ZB = 18.7kΩ
Supervisory Functions
The loop current, ground key and the ring trip detector
outputs are multiplexed to a single logic output pin called
DET. See Table 1 to determine the active detector for a given
logic input. For further discussion of the logic circuitry see
section titled “Digital Logic Inputs”.
Z
TR
V
TR
I
M
-----------
=
(EQ. 13)
Z
TR
V
TX
I
M
-----------
2R
F
I
M
•
I
M
-----------------------
+
=
(EQ. 14)
Z
TR
Z
T
1000
-------------
2R
F
+
=
(EQ. 15)
Z
T
1000
Z
TR
2R
F
–
()
•
=
(EQ. 16)
Z
T
1000
600
1
j
ω 2.16
•
10
6
–
•
-----------------------------------------
220
•
–
+


•
=
A
24
–
V
TX
V
TR
-----------
Z
T 1000
⁄
Z
T 1000
⁄
2R
F
+
------------------------------------------
==
(EQ. 17)
A
42
–
V
TR
V
RX
-----------
Z
T
Z
RX
-----------
–
Z
L
Z
T
1000
-------------
2R
F
Z
L
++
--------------------------------------------
•
==
(EQ. 18)
A
42
–
Z
T
Z
RX
-----------
–
1
2
---
•
=
(EQ. 19)
A
44
–
V
TX
V
RX
-----------
Z
T
Z
RX
-----------
–
Z
L
2R
F
+
Z
T
1000
-------------
2R
F
Z
L
++
--------------------------------------------
•
==
(EQ. 20)
V
TX
R
TX
-----------
V
RX
Z
B
-----------
+
0
=
(EQ. 21)
Z
B
R
–
TX
V
RX
V
TX
-----------
•
=
(EQ. 22)
Z
B
R
TX
Z
RX
Z
T
-----------
•
Z
T
1000
-------------
2R
F
Z
L
++
Z
L
2R
F
+
--------------------------------------------
•
=
(EQ. 23)
HC5523
VTX
RSN
RTX
RFB
CODEC/
FILTER
I1
I2
VTX
ZRX
ZT
+
-
ZB
VRX
+
-
+
-
FIGURE 17. TRANSHYBRID CIRCUIT
HC5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com