Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS138T Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS138T
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS138T Datasheet(HTML) 1 Page - Intersil Corporation

  HCS138T Datasheet HTML 1Page - Intersil Corporation HCS138T Datasheet HTML 2Page - Intersil Corporation HCS138T Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Satellite Applications Flow™ (SAF) is a trademark of Intersil Corporation.
HCS138T
Radiation Hardened Inverting 3-to-8 Line
Decoder/Demultiplexer
Intersil‘s Satellite Applications FlowTM (SAF) devices are
fully tested and guaranteed to 100kRAD total dose. These
QML Class T devices are processed to a standard flow
intended to meet the cost and shorter lead-time needs of
large volume satellite manufacturers, while maintaining a
high level of reliability.
The Intersil HCS138T is a Radiation Hardened 3-to-8 Line
Decoder/Demultiplexer. The outputs are active in the low
state. Two active low and one active high enables (E1, E2,
E3) are provided. If the device is enabled, the binary inputs
(A0, A1, A2) determine which one of the eight normally high
outputs will go to a low logic level.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HCS138T are
contained in SMD 5962-95727. A “hot-link” is provided from
our website for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Intersil‘s Quality Management Plan (QM Plan), listing all
Class T screening operations, is also available on our
website.
www.intersil.com/spacedefense/newsafclasst.asp
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose (
γ) 1 x 105 RAD(Si)
- Latch-Up Free Under Any Conditions
- SEP Effective LET No Upsets: >100 MEV-cm2/mg
- Single Event Upset (SEU) Immunity < 2 x 10-9
Errors/Bit-Day (Typ)
• 3 Micron Radiation Hardened SOS CMOS
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
-VIL = 0.3 VCC Max
-VIH = 0.7 VCC Min
• Input Current Levels Ii
≤ 5mA at VOL, VOH
Pinouts
HCS138DTR (SBDIP), CDIP2-T16
TOP VIEW
HCS138KTR (FLATPACK), CDFP4-F16
TOP VIEW
Ordering Information
ORDERING
NUMBER
PART
NUMBER
TEMP.
RANGE
(oC)
5962R9572701TEC
HCS138DTR
-55 to 125
5962R9572701TXC
HCS138KTR
-55 to 125
NOTE:
Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A1
A2
E1
E2
E3
GND
Y7
VCC
Y1
Y2
Y3
Y4
Y5
Y6
Y0
A0
A1
A2
E1
E2
E3
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Data Sheet
July 1999
File Number
4614.1


Similar Part No. - HCS138T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS138D INTERSIL-HCS138D Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138DMSR INTERSIL-HCS138DMSR Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138DMSR INTERSIL-HCS138DMSR Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Renesas Technology Corp
HCS138DMSR RENESAS-HCS138DMSR Datasheet
478Kb / 11P
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
logo
Intersil Corporation
HCS138HMSR INTERSIL-HCS138HMSR Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
More results

Similar Description - HCS138T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com