Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1679G Datasheet(PDF) 1 Page - NEC

Part # UPC1679G
Description  5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1679G Datasheet(HTML) 1 Page - NEC

  UPC1679G Datasheet HTML 1Page - NEC UPC1679G Datasheet HTML 2Page - NEC UPC1679G Datasheet HTML 3Page - NEC UPC1679G Datasheet HTML 4Page - NEC UPC1679G Datasheet HTML 5Page - NEC UPC1679G Datasheet HTML 6Page - NEC UPC1679G Datasheet HTML 7Page - NEC UPC1679G Datasheet HTML 8Page - NEC UPC1679G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Caution Electro-static sensitive devices.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1679G
5 V-BIAS, +15.5 dBm OUTPUT, 1.8 GHz WIDEBAND
Si MMIC AMPLIFIER
Document No. P12434EJ4V0DS00 (4th edition)
Date Published September 1999 N CP(K)
Printed in Japan
DATA SHEET
1994, 1999
©
The mark
shows major revision points.
DESCRIPTION
The
µPC1679G is a silicon monolithic integrated circuit designed as medium output power amplifier for high
frequency system applications. Due to +13 dBm TYP. output at 1 GHz, this IC is recommendable for transmitter
stage amplifier of L Band wireless communication systems. This IC is packaged in 8-pin plastic SOP.
This IC is manufactured using NEC’s 20 GHz fT NESAT
TMIV silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and
prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
•
Supply voltage
: VCC = 4.5 to 5.5 V
•
Saturated output power
: PO(sat) = +15.5 dBm TYP. @ f = 500 MHz with external inductor
•
Wideband response
: fu = 1.8 GHz TYP. @ 3 dB bandwidth
•
Isolation
: ISL = 34 dB TYP. @ f = 500 MHz
•
Power Gain
: GP = 21.5 dB TYP. @ f = 500 MHz
ORDERING INFORMATION
Part Number
Package
Marking
Supplying Form
µPC1679G-E1
Embossed tape 12 mm wide.
1 pin is tape pull-out direction.
Qty 2.5 kp/reel.
µPC1679G-E2
8-pin plastic SOP (225 mil)
1679
Embossed tape 12 mm wide.
1 pin is tape roll-in direction.
Qty 2.5 kp/reel.
Remark
To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order:
µPC1679G)


Similar Part No. - UPC1679G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1675G NEC-UPC1675G Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
logo
Renesas Technology Corp
UPC1675G RENESAS-UPC1675G Datasheet
203Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
UPC1676G NEC-UPC1676G Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
UPC1676G NEC-UPC1676G Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
More results

Similar Description - UPC1679G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678G NEC-UPC1678G Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2708TB CEL-UPC2708TB Datasheet
211Kb / 8P
5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
logo
Transcom, Inc.
TA008-055-20-24 TRANSCOM-TA008-055-20-24 Datasheet
30Kb / 1P
0.8 - 5.5 GHz 25 dBm Amplifier
logo
NEC
UPC3224TB NEC-UPC3224TB Datasheet
91Kb / 15P
5 V, SILICON MMIC WIDEBAND AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
logo
Hittite Microwave Corpo...
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
logo
Renesas Technology Corp
PC3224TB RENESAS-PC3224TB_15 Datasheet
224Kb / 17P
5 V, SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com