Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS154MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS154MS
Description  Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS154MS Datasheet(HTML) 1 Page - Intersil Corporation

  HCS154MS Datasheet HTML 1Page - Intersil Corporation HCS154MS Datasheet HTML 2Page - Intersil Corporation HCS154MS Datasheet HTML 3Page - Intersil Corporation HCS154MS Datasheet HTML 4Page - Intersil Corporation HCS154MS Datasheet HTML 5Page - Intersil Corporation HCS154MS Datasheet HTML 6Page - Intersil Corporation HCS154MS Datasheet HTML 7Page - Intersil Corporation HCS154MS Datasheet HTML 8Page - Intersil Corporation HCS154MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS154DMSR
-55oC to +125oC
Intersil Class S Equivalent
24 Lead SBDIP
HCS154KMSR
-55oC to +125oC
Intersil Class S Equivalent
24 Lead Ceramic Flatpack
HCS154D/Sample
+25oC
Sample
24 Lead SBDIP
HCS154K/Sample
+25oC
Sample
24 Lead Ceramic Flatpack
HCS154HMSR
+25oC
Die
Die
HCS154MS
Radiation Hardened
4-to-16 Line Decoder/Demultiplexer
Pinouts
24 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T24
TOP VIEW
24 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F24
TOP VIEW
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
A0
A1
A2
A3
E1
E2
24
23
22
21
20
19
18
17
16
15
14
13
2
3
4
5
6
7
8
9
10
11
12
1
ND
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
VCC
Y11
Y12
Y13
Y14
Y15
A0
A1
A2
A3
E1
E2
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 Rads (Si)/s
• Dose Rate Upset >1010 RAD(Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Gate Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS154MS is a Radiation Hardened 4 to 16 line
Decoder/Demultiplexer with two enable inputs. A high on
either enable input forces the output to a high state. The
Demultiplexing function is performed by using the four input
lines A0 to A3 to select the desired output states.
The HCS154MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS154MS is supplied in a 24 lead Ceramic flatpack (K
suffix) or a SBDIP Package (D suffix).
September1995
Spec Number
518754
File Number
2479.2


Similar Part No. - HCS154MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS Datasheet
383Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
More results

Similar Description - HCS154MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com