Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1685G Datasheet(PDF) 8 Page - NEC

Part # UPC1685G
Description  GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1685G Datasheet(HTML) 8 Page - NEC

Back Button UPC1685G Datasheet HTML 4Page - NEC UPC1685G Datasheet HTML 5Page - NEC UPC1685G Datasheet HTML 6Page - NEC UPC1685G Datasheet HTML 7Page - NEC UPC1685G Datasheet HTML 8Page - NEC UPC1685G Datasheet HTML 9Page - NEC UPC1685G Datasheet HTML 10Page - NEC UPC1685G Datasheet HTML 11Page - NEC UPC1685G Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet P14483EJ2V0DS00
8
µµµµPC1685G
+30
0
OUTPUT POWER VS. INPUT POWER
Input Power Pin (dBm)
+300
0
–300
0
500
Oscillation Frequency fOSC (MHz)
OSC-FREQUENCY STABILITY VS. OSC-FREQUENCY
VCC –10 %
VCC +10 %
VCC
±10 %
Pout
VCC = 5 V
fRF = 900 MHz
f
POSC = –5 dBm
IF
= 50 MHz
1 000
1 200
–40
–20
0
+40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com