Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1685G Datasheet(PDF) 2 Page - NEC

Part # UPC1685G
Description  GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1685G Datasheet(HTML) 2 Page - NEC

  UPC1685G Datasheet HTML 1Page - NEC UPC1685G Datasheet HTML 2Page - NEC UPC1685G Datasheet HTML 3Page - NEC UPC1685G Datasheet HTML 4Page - NEC UPC1685G Datasheet HTML 5Page - NEC UPC1685G Datasheet HTML 6Page - NEC UPC1685G Datasheet HTML 7Page - NEC UPC1685G Datasheet HTML 8Page - NEC UPC1685G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet P14483EJ2V0DS00
2
µµµµPC1685G
INTERNAL BLOCK DIAGRAM
PIN CONFIGURATION (Top View)
87
6
5
12
3
4
IF Pre
Amp.
MIX
OSC
OSC
Buffer
REG.
1
2
3
4
8
7
6
5
1.
2.
3.
4.
5.
6.
7.
8.
OSC base (bypass)
OSC base (feedback)
OSC collector (coupling)
VCC
IF output (open collector)
GND
RF input1 (bypass)
RF input2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com