Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBT2907
Description  Epitaxial planar die construction.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBT2907 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBT2907 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBT2907 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
Epitaxial planar die construction.
Ideal for medium power amplification and switching.
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-60
V
Collector-Emitter Voltage
V
CEO
-40
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-600
mA
Collector Power Dissipation
PC
350
mW
Thermal Resistance Junction to Ambient
RθJA
360
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base
breakdown
voltage
VCBO
IC=-10μA IE=0
-60
V
Collector-emitter
breakdown
voltage
VCEO
IC=-10mA IB=0
-40
V
Emitter-base
breakdown
voltage
VEBO
IE=-10μA IC=0
-5
μV
Collector cut-off current
ICBO
VCB=-50V IE=0
-0.02
μA
Collector cut-off current
ICEX
VCE=-30V VBE(OFF)=-0.5V
-0.05
μA
DC current gain
hFE
VCE=-10V IC=-150mA
VCE=-10V IC=-0.1Ma
VCE=-10V IC=-1mA
VCE=-10V IC=-10mA
VCE=-10V IC=-500mA
100
35
50
75
30
300
Collector-emitter
saturation
voltage
VCE(sat)
IC=-150mA IB=-15mA
IC=-500mA IB=-50mA
-0.4
-1.6
V
Base-emitter
saturation
voltage
VBE(sat)
IC=-150mA IB=-15mA
IC=-500mA IB=-50mA
-1.3
-2.6
V
Output capacitance
Cob
VCB=10V,f=1.0MHz
8.0
pF
Input capacitance
Cib
VEB=10V,f=1.0MHz
30
pF
Transition
frequency
fT
VCE=-20V IC=-50mA
f=100MHz
200
MHz
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MMBT2907
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT2907 SAMSUNG-MMBT2907 Datasheet
69Kb / 2P
PNP (GENERAL PURPOSE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT2907 FAIRCHILD-MMBT2907 Datasheet
42Kb / 2P
PNP General Purpose Amplifier
logo
Diotec Semiconductor
MMBT2907 DIOTEC-MMBT2907 Datasheet
59Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Comchip Technology
MMBT2907 COMCHIP-MMBT2907 Datasheet
139Kb / 5P
General Purpose Transistor (PNP)
logo
Weitron Technology
MMBT2907 WEITRON-MMBT2907 Datasheet
159Kb / 6P
PNP General Purpose Transistors
More results

Similar Description - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
Epitaxial Planar Die Construction
Rev 4
logo
Bruckewell Technology L...
DTAXXXXCA_R1 BWTECH-DTAXXXXCA_R1 Datasheet
478Kb / 6P
Epitaxial planar die construction.
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2222 MAKOSEMI-MMBT2222 Datasheet
523Kb / 2P
Epitaxial planar die construction
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
Epitaxial planar die construction.
logo
Yea Shin Technology Co....
MMBT3904DW YEASHIN-MMBT3904DW Datasheet
831Kb / 3P
Epitaxial planar die construction
logo
Shenzhen Luguang Electr...
MMBT2222A LUGUANG-MMBT2222A Datasheet
2Mb / 3P
Epitaxial planar die construction
logo
SHIKUES Electronics
MMDT5401 SKTECHNOLGY-MMDT5401 Datasheet
853Kb / 3P
Epitaxial Planar Die Construction
MMDT5551 SKTECHNOLGY-MMDT5551 Datasheet
772Kb / 3P
Epitaxial Planar Die Construction
logo
Shanghai Leiditech Elec...
MMBT2222A LEIDITECH-MMBT2222A Datasheet
1Mb / 5P
Epitaxial planar die construction
MMBT2907A LEIDITECH-MMBT2907A Datasheet
563Kb / 4P
Epitaxial planar die construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com