Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBT2907
Description  Epitaxial planar die construction.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBT2907 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBT2907 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBT2907 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
Turn-on time
ton
VCE=-30V,IC=-150mA,
IB1=-15mA
45
ns
Delay time
td
10
ns
Rise time
tr
40
ns
Turn-off time
toff
VCE=-6V,IC=-150mA
IB1=IB2=-15mA
100
ns
Storage time
ts
80
ns
Fall time
tf
30
ns
Typical
Characteristics
MMBT2907
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com