Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK231-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK231-2-R
Description  Serial Connection Cable for 9 Pin Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK231-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK231-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.15.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK231-2-R
Serial Connection Cable for 9 Pin Interface,
D-Sub 9 Pin Female to D-Sub 9 Pin Female
Complaint
RoHS
rev00


Similar Part No. - AK231-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
Extension Cable for 9 Pin InterfacE
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
3.3V Single channel PCM CODEC LSI
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
More results

Similar Description - AK231-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK152-2-R ASSMANN-AK152-2-R Datasheet
63Kb / 1P
Serial Connection Cable
AK163-7-R ASSMANN-AK163-7-R Datasheet
283Kb / 1P
SEREAL CONNECTION CABLE FOR 25 PIN
AK174-3 ASSMANN-AK174-3 Datasheet
104Kb / 1P
Connection Cable for 9 Pin Interface
AK182-3 ASSMANN-AK182-3 Datasheet
68Kb / 1P
Serial Connection Cable
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
Extension Cable for 9 Pin InterfacE
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
Pepperl+Fuchs Inc.
CBL-IDMX61-B-J1-S-C38-N0 PF-CBL-IDMX61-B-J1-S-C38-N0 Datasheet
338Kb / 1P
Serial connection cable for base station
CBL-IDMX61-B-J1-S-S18-N0 PF-CBL-IDMX61-B-J1-S-S18-N0 Datasheet
338Kb / 1P
Serial connection cable for base station
CBL-IDMX61-B-N0-S-C38-N0 PF-CBL-IDMX61-B-N0-S-C38-N0 Datasheet
443Kb / 1P
Serial connection cable for base station
CBL-IDMX61-B-N0-S-S18-N0 PF-CBL-IDMX61-B-N0-S-S18-N0 Datasheet
443Kb / 1P
Serial connection cable for base station
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com