Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS253MS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS253MS
Description  Radiation Hardened Dual 4-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS253MS Datasheet(HTML) 4 Page - Intersil Corporation

  HCS253MS Datasheet HTML 1Page - Intersil Corporation HCS253MS Datasheet HTML 2Page - Intersil Corporation HCS253MS Datasheet HTML 3Page - Intersil Corporation HCS253MS Datasheet HTML 4Page - Intersil Corporation HCS253MS Datasheet HTML 5Page - Intersil Corporation HCS253MS Datasheet HTML 6Page - Intersil Corporation HCS253MS Datasheet HTML 7Page - Intersil Corporation HCS253MS Datasheet HTML 8Page - Intersil Corporation HCS253MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Specifications HCS253MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Select to Output
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
31
ns
Data to Output
TPHL
VCC = 4.5V
9
+25oC
2
19
ns
10, 11
+125oC, -55oC
2
22
ns
TPLH
VCC = 4.5V
9
+25oC
2
21
ns
10, 11
+125oC, -55oC
2
24
ns
Enable to Output
TPZH
VCC = 4.5V
9
+25oC
2
17
ns
10, 11
+125oC, -55oC
2
20
ns
TPZL
VCC = 4.5V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
17
ns
Disable to Output
TPHZ
VCC = 4.5V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
19
ns
TPLZ
VCC = 4.5V
9
+25oC
2
16
ns
10, 11
+125oC, -55oC
2
17
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, f = 1MHz
+25oC
-
45
pF
+125oC, -55oC
-
56
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Transition Time
TTHL
TTLH
VCC = 4.5V
+25oC
-
12
ns
+125oC, -55oC
-
18
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics..
Spec Number
518765



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com