Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS253MS Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS253MS
Description  Radiation Hardened Dual 4-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS253MS Datasheet(HTML) 5 Page - Intersil Corporation

  HCS253MS Datasheet HTML 1Page - Intersil Corporation HCS253MS Datasheet HTML 2Page - Intersil Corporation HCS253MS Datasheet HTML 3Page - Intersil Corporation HCS253MS Datasheet HTML 4Page - Intersil Corporation HCS253MS Datasheet HTML 5Page - Intersil Corporation HCS253MS Datasheet HTML 6Page - Intersil Corporation HCS253MS Datasheet HTML 7Page - Intersil Corporation HCS253MS Datasheet HTML 8Page - Intersil Corporation HCS253MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Specifications HCS253MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Three-State Output
Leakage Current
IOZ
Applied Voltage = 0V or VCC,
VCC = 5.5V
+25oC-
±50
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), (Note 3)
+25oC
---
Select to Output
TPHL
VCC = 4.5V
+25oC
2
31
ns
TPLH
VCC = 4.5V
+25oC
2
31
ns
Data to Output
TPHL
VCC = 4.5V
+25oC
2
22
ns
TPLH
VCC = 4.5V
+25oC
2
24
ns
Enable to Output
TPZL
VCC = 4.5V
+25oC
2
17
ns
TPZH
VCC = 4.5V
+25oC
2
20
ns
Disable to Output
TPHZ
VCC = 4.5V
+25oC
2
19
ns
TPLZ
VCC = 4.5V
+25oC
2
17
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
IOZL/IOZH
5
±200nA
Spec Number
518765



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com